Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP313XY Datasheet(PDF) 64 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 64 Page - Micronas

Back Button VDP313XY Datasheet HTML 60Page - Micronas VDP313XY Datasheet HTML 61Page - Micronas VDP313XY Datasheet HTML 62Page - Micronas VDP313XY Datasheet HTML 63Page - Micronas VDP313XY Datasheet HTML 64Page - Micronas VDP313XY Datasheet HTML 65Page - Micronas VDP313XY Datasheet HTML 66Page - Micronas VDP313XY Datasheet HTML 67Page - Micronas VDP313XY Datasheet HTML 68Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
64
Micronas
3.6.4.5. Test Input
3.6.4.6. Analog Video Front-End and A/D Converters
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
TEST
−−
0.8
V
VIH
Input High Voltage
2.0
−−
V
Ipd
Input Pull-Down Current
25
80
170
µAVi = V
SUPD
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VVRT
Reference Voltage Top
VRT
2.5
2.6
2.8
V
10
µF/10 nF, 1 GΩ Probe
VVRTN
Reference Voltage Top Noise
−−
100
mVPP
Luma – Path
RVIN
Input Resistance
VIN1-4
1
−−
M
Ω
Code Clamp–DAC=0
CVIN
Input Capacitance
−
5
−
pF
VVIN
Full Scale Input Voltage
1.8
2.0
2.2
VPP
min. AGC Gain
VVIN
Full Scale Input Voltage
0.5
0.6
0.7
VPP
max. AGC Gain
AGC
AGC step width
−
0.166
−
dB
6-Bit Resolution= 64
Steps
fsig= 1 MHz,
– 2 dBr of max. AGC–
Gain
DNLAGC
AGC Differential
Non-Linearity
−−±0.5
LSB
VVINCL
Input Clamping Level, CVBS
−
1.0
−
V
Binary Level = 64 LSB
min. AGC Gain
QCL
Clamping DAC Resolution
−16
−
15
steps
5 Bit
− I–DAC, bipolar
VVIN=1.5 V
ICL–LSB
Input Clamping Current per
step
0.7
1.0
1.3
mA
DNLICL
Clamping DAC Differential
Non-Linearity
−−±0.5
LSB
Chroma – Path (composite)
RCIN
Input Resistance
SVHS Chroma
CIN1
CIN2
1.4
2.0
2.6
k
Ω
VCIN
Full Scale Input Voltage,
Chroma
1.08
1.2
1.32
VPP
VCINDC
Input Bias Level,
SVHS Chroma
−
1.5
−
V
Binary Code for Open
Chroma Input
−
128
−−
Chroma
− Path (component)
RVIN
Input Resistance
CBIN,
CRIN
1M
Ω
Code Clamp
−DAC = 0
CVIN
Input Capacitance
4.5
pF
VVIN
Full Scale Input Voltage
0.76
0.84
0.92
VPP
minimal range
VVIN
Full Scale Input Voltage
1.08
1.2
1.32
VPP
extended range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com