Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 124 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 124 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 120Page - Microchip Technology UCS1003-3 Datasheet HTML 121Page - Microchip Technology UCS1003-3 Datasheet HTML 122Page - Microchip Technology UCS1003-3 Datasheet HTML 123Page - Microchip Technology UCS1003-3 Datasheet HTML 124Page - Microchip Technology UCS1003-3 Datasheet HTML 125Page - Microchip Technology UCS1003-3 Datasheet HTML 126Page - Microchip Technology UCS1003-3 Datasheet HTML 127Page - Microchip Technology UCS1003-3 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 124
 2014-2015 Microchip Technology Inc.
10.14.2
CUSTOM CURRENT-LIMITING
BEHAVIOR CONFIGURATION
REGISTER
The Custom Current Limiting Behavior Configuration
Register allows programming of current limit parameters.
These controls are used when a portable device hand-
shakes using the Legacy charger emulation profiles
(except Legacy 2), the custom charger emulation profile
or does not handshake as a dedicated charger (i.e., a
power thief).
The contents of this register are retained in Sleep.
10.15 Product ID Register
The Product ID register stores a unique 8-bit value that
identifies the UCSXXXX Device Family.
10.16 Manufacturer ID Register
The Manufacturer ID register stores a unique 8-bit
value that identifies Microchip Technology Inc.
10.17 Revision Register
The Revision register stores an 8-bit value that
represents the part revision.
REGISTER 10-49: CUSTOM CURRENT-LIMITING BEHAVIOR CONFIGURATION REGISTER
(ADDRESS 51h)(1)
R/W-1
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
CS_VBUS_MIN<1:0>
—
CS_R2_IMIN<2:0>
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
CS_VBUS_MIN<1:0>:
Custom VBUS_MIN Voltage Definition bits
Note that VBUS_MIN is checked even when operating with Trip Current Limiting.
00
= 1.5V
01
= 1.75V
10
= 2.0V
11
= 2.25V
bit 5
Unimplemented:
Read as ‘0’
bit 4-2
CS_R2_IMIN<2:0>:
Custom IBUS_R2MIN Threshold Definition bits
The default is 120 mA. This value is used under the following conditions: when a portable device handshakes
using the Legacy charger emulation profiles (except Legacy 2), the custom charger emulation profile or when
it does not handshake in DCE Cycle (i.e., a power thief). Under these conditions, the Current-Limiting mode
is determined by the relative value of IBUS_R2MIN and ILIM. When IBUS_R2MIN < ILIM or ILIM > 1.68A, Trip
Current-Limiting mode is used; otherwise, CC mode is used.
Define the IBUS_R2MIN current as follows:
000
= 120 mA
001
= 570 mA
010
= 1000 mA
011
= 1350 mA
100
= 1680 mA
101
= 2050 mA
bit 1-0
Reserved:
Do not change
Note 1:
The values specified in this register are typical.
Name
Bits Address
Cof
Default
Product ID
8
FDh
R
4Eh
Name
Bits Address
Cof
Default
Manufacturer ID
8
FEh
R
5Dh
Name
Bits Address
Cof
Default
Revision
8
FFh
R
82h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com