Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 128 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 128 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 124Page - Microchip Technology UCS1003-3 Datasheet HTML 125Page - Microchip Technology UCS1003-3 Datasheet HTML 126Page - Microchip Technology UCS1003-3 Datasheet HTML 127Page - Microchip Technology UCS1003-3 Datasheet HTML 128Page - Microchip Technology UCS1003-3 Datasheet HTML 129Page - Microchip Technology UCS1003-3 Datasheet HTML 130Page - Microchip Technology UCS1003-3 Datasheet HTML 131Page - Microchip Technology UCS1003-3 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 128
 2014-2015 Microchip Technology Inc.
11.2.3
SMBUS PROTOCOLS
The UCS1003-1 is SMBus 2.0 protocol-compatible and
supports write byte, read byte, send byte and receive byte
as valid protocols, as shown in the following sections.
All protocols in these sections use the convention in
Table 11-3.
11.2.3.1
SMBus Write Byte
The write byte is used to write one byte of data to a
specific register, as shown in Table 11-4.
11.2.3.2
SMBus Read Byte
The read byte protocol is used to read one byte of data
from the registers, as shown in Table 11-5.
11.2.3.3
SMBus Send Byte
The send byte protocol is used to set the internal
address register pointer to the correct address location.
No data is transferred during the send byte protocol, as
shown in Table 11-6.
11.2.3.4
SMBus Receive Byte
The receive byte protocol is used to read data from a
register when the Internal Register Address Pointer is
known to be at the right location (e.g., set via send
byte). This is used for consecutive reads of the same
register, as shown in Table 11-7.
TABLE 11-3:
PROTOCOL FORMAT
Data Sent to Device
Data Sent to the Host
Data Sent
Data Sent
TABLE 11-4:
WRITE BYTE PROTOCOL
Start
Client
Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
Stop
1
 0
YYYY_YYY
0
0
XXh
0
XXh
0
0
 1
TABLE 11-5:
READ BYTE PROTOCOL
Start
Client
Address
WR
ACK
Register
Address
ACK
Start
Client
Address
RD
ACK
Register
Data
NACK
Stop
1
 0
YYYY_YYY
0
0
XXh
0
1
0
YYYY_YYY
1
0
XXh
1
0
1
TABLE 11-6:
SEND BYTE PROTOCOL
Start
Client Address
WR
ACK
Register
Address
ACK
Stop
1
 0
YYYY_YYY
0
0
XXh
0
0
 1
TABLE 11-7:
RECEIVE BYTE PROTOCOL
Start
Client Address
RD
ACK
Register Data
NACK
Stop
1
 0
YYYY_YYY
1
0
XXh
1
0
 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com