Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 2Page - Cirrus Logic CS8416 Datasheet HTML 3Page - Cirrus Logic CS8416 Datasheet HTML 4Page - Cirrus Logic CS8416 Datasheet HTML 5Page - Cirrus Logic CS8416 Datasheet HTML 6Page - Cirrus Logic CS8416 Datasheet HTML 7Page - Cirrus Logic CS8416 Datasheet HTML 8Page - Cirrus Logic CS8416 Datasheet HTML 9Page - Cirrus Logic CS8416 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
CS8416
6
DS578PP2
DIGITAL CHARACTERISTICS
(TA = 25 °C for suffixes ‘CS’ &’CZ’, TA = -40 to 85 °C for ‘IS’ & ‘IZ’ ; VA+ = VD+ = 3.3 V ± 5%, VL+ = 3.135 V to 5.5 V)
SWITCHING CHARACTERISTICS
(TA = 25 °C for suffixes ‘CS’ &’CZ’, TA = -40 to 85°C for ‘IS’ & ‘IZ’ ; VA+ = VD+ = 3.3 V ± 5%, VL+ = 3.135 V to 5.5
V, Inputs: Logic 0 = 0V, Logic 1 = VL+; CL =20pF)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage except RXn:VIH
2
-
(VL+)+0.3
Volts
Low-Level Input Voltage except RXn:VIL
-0.3
-
0.8
Volts
Low-Level Output Voltage (IO =3.2 mA)
VOL
-
-
0.5
Volts
High-Level Output Voltage (IO =3.2 mA)
VOH
(VL+) - 1
-
VL+
Volts
Input hysteresis
VH
0.25
-
1.0
Volts
Input Leakage Current
IIN
-10
-
10
uA
Differential Input Sensitivity RXPn to RXN0
-
150
200
mV
Parameter
Symbol
Min
Typ
Max
Units
RST/Pin Low Pulse Width
200
-
-
uS
PLL Clock Recovery Sample Rate Range
30
-
200
kHz
RMCK Output Jitter (Time Deviation)
-
-
200
ps RMS
RMCK Output Duty-Cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com