Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 34Page - Cirrus Logic CS8416 Datasheet HTML 35Page - Cirrus Logic CS8416 Datasheet HTML 36Page - Cirrus Logic CS8416 Datasheet HTML 37Page - Cirrus Logic CS8416 Datasheet HTML 38Page - Cirrus Logic CS8416 Datasheet HTML 39Page - Cirrus Logic CS8416 Datasheet HTML 40Page - Cirrus Logic CS8416 Datasheet HTML 41Page - Cirrus Logic CS8416 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
CS8416
38
DS578PP2
11 PIN DESCRIPTION - HARDWARE MODE
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16
RXP3
RXP2
RXP1
RXP0
RXN
VA+
AGND
FILT
RST
RXSEL1
RXSEL0
TXSEL1
TXSEL0
NV/RERR
OLRCK
OSCLK
SDOUT
OMCK
RMCK
VD+
DGND
VL+
TX
C
U
RCBL
96 KHZ
AUDIO
RXP[3:0]
RXN
1
2
3
4
5
Additional AES3/SPDIF Receiver Port
(Input) - Single-ended receiver inputs carrying AES3 or
S/PDIF digital data. These inputs comprise the 4:2 S/PDIF Input Multiplexer. The select line control is
the RXSEL[1:0] pins. Please note that any unused inputs can be left floating. See Appendix A for rec-
ommended input circuits.
AES/SPDIF Input -
Used along with RXP[X] to form an AES3 differential input. In single-ended
operation this should be capacitively coupled to ground.
VD+
VA+
VL+
23
6
21
Positive Digital Power
–3.3 V
Positive Analog Power –
3.3 V
Positive Interface Power –
3.3V –5.0 V
DGND
AGND
22
7
Digital/Interface Ground
Analog Ground
RX_SEL0
RX_SEL1
10
11
Receiver_MUX Selector (Input)
- used to select which pin, RXP[3:0], is used for the receiver
input.
TX_SEL0
TX_SEL1
12
13
TX Pin MUX SELECTION(Input)
- used to select which pin, RXP[3:0], is used for the TX pin
output.
FILT
8
PLL Filter Pin –
A RC network should be connected from this pin to AGND. For best PLL jitter
performance, this pin should be returned directly to the AGND pin
RST
9
RESET(Input) –
active low input . Resets CS8416 to default state, configuration pins are read on the
rising edge of this pin
NV/RERR
14
Non-Validity Receiver Error/Receiver Error (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com