Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 31Page - Cirrus Logic CS8416 Datasheet HTML 32Page - Cirrus Logic CS8416 Datasheet HTML 33Page - Cirrus Logic CS8416 Datasheet HTML 34Page - Cirrus Logic CS8416 Datasheet HTML 35Page - Cirrus Logic CS8416 Datasheet HTML 36Page - Cirrus Logic CS8416 Datasheet HTML 37Page - Cirrus Logic CS8416 Datasheet HTML 38Page - Cirrus Logic CS8416 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
CS8416
DS578PP2
35
9. PIN DESCRIPTION - SOFTWARE MODE
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16
RXP3
RXP2
RXP1
RXP0
RXN
VA+
AGND
FILT
RST
RXP4
RXP5
RXP6
RXP7
AD0/CS
OLRCK
OSCLK
SDOUT
OMCK
RMCK
VD+
DGND
VL+
GPO0
GPO1
AD2/GPO2
SDA/CDOUT
SCL/CCLK
AD1/CDIN
RXP[7:0]
RXN
13
12
11
10
1
2
3
4
5
Additional AES3/SPDIF Receiver Port
(Input) - Single-ended receiver inputs carrying AES3 or
S/PDIF digital data. These inputs comprise the 8:2 S/PDIF Input Multiplexer. The select line control is
accessed using the Control 4 register. Please note that any unused inputs can be left floating or tied to
ground. See Appendix A for recommended input circuits.
AES/SPDIF input
- Used along with RXP[X] to form an AES3 differential input. In single-ended
operation this should be capacitively coupled to ground.
VA+
VD+
VL+
6
23
21
Positive Analog Power
- Positive supply for the analog section. Nominally +3.3 V. This supply should
be as quiet as possible since noise on this pin will directly affect the jitter performance of the recovered
clock
Positive Digital Power
– Nominally 3.3 V
Positive – Interface Power
– 3.3 V to 5.0 V: this supply sets the CS8416 I/O levels, including RXPx &
RXN
AGND
DGND
6
22
Analog Ground
- Ground for the analog circuitry in the chip. AGND and DGND should be con nected
to a common ground area under the chip.
Digital & I/O Ground
FILT
8
PLL Loop Filter
(Output) - An RC network should be connected between this pin and analog ground.
For minimum PLL jitter, return the ground end of the filter network directly to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com