Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 40Page - Cirrus Logic CS8416 Datasheet HTML 41Page - Cirrus Logic CS8416 Datasheet HTML 42Page - Cirrus Logic CS8416 Datasheet HTML 43Page - Cirrus Logic CS8416 Datasheet HTML 44Page - Cirrus Logic CS8416 Datasheet HTML 45Page - Cirrus Logic CS8416 Datasheet HTML 46Page - Cirrus Logic CS8416 Datasheet HTML 47Page - Cirrus Logic CS8416 Datasheet HTML 48Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
CS8416
DS578PP2
45
14 APPENDIX A: EXTERNAL
AES3/SPDIF/IEC60958 RECEIVER
COMPONENTS
14.1
AES3 Receiver External Components
The CS8416 AES3 receiver is designed to accept
both the professional and consumer interfaces. The
digital audio specifications for professional use call
for a balanced receiver, using XLR connectors,
with 110
Ω ±20% impedance. The XLR connector
on the receiver should have female pins with a male
shell. Since the receiver has a very high input im-
pedance, a 110
Ω resistor should be placed across
the receiver terminals to match the line impedance,
as shown in Figure 14 and Figure 15. Although
transformers are not required by the AES, they are,
however, strongly recommended.
If some isolation is desired without the use of trans-
formers, a 0.01
µF capacitor should be placed in se-
ries with each input pin (RXP0 and RXN0) as
shown in Figure . However, if a transformer is not
used, high frequency energy could be coupled into
the receiver, causing degradation in analog perfor-
mance.
Figure 14 and Figure 15 show an optional DC
blocking capacitor (0.1
µFto 0.47 µF) in series with
the cable input. This improves the robustness of the
receiver, preventing the saturation of the trans-
former, or any DC current flow, if a DC voltage is
present on the cable.
In the configuration of systems, it is important to
avoid ground loops and DC current flowing down
the shield of the cable that could result when boxes
with different ground potentials are connected.
Generally, it is good practice to ground the shield
to the chassis of the transmitting unit, and connect
the shield through a capacitor to chassis ground at
the receiver. However, in some cases it is advanta-
geous to have the ground of two boxes held to the
same potential, and the cable shield might be de-
pended upon to make that electrical connection.
Generally, it may be a good idea to provide the op-
tion of grounding or capacitively coupling the
shield to the chassis.
In the case of the consumer interface, the standards
call for an unbalanced circuit having a receiver im-
pedance of 75
Ω ±5%. The connector for the con-
sumer interface is an RCA phono socket. The
receiver circuit for the consumer interface is shown
in Figure . Figure shows an implementation of the
Input S/PDIF Multiplexer using the consumer in-
terface.
The circuit shown in Figure maybeusedwhenex-
ternal RS422 receivers, optical receivers or other
TTL/CMOS logic outputs drive the CS8416 receiv-
er section.
14.2
Isolating Transformer Requirements
Please refer to the application note AN134: AES
and SPDIF Recommended Transformers for re-
sources on transformer selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com