Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 12Page - Cirrus Logic CS8416 Datasheet HTML 13Page - Cirrus Logic CS8416 Datasheet HTML 14Page - Cirrus Logic CS8416 Datasheet HTML 15Page - Cirrus Logic CS8416 Datasheet HTML 16Page - Cirrus Logic CS8416 Datasheet HTML 17Page - Cirrus Logic CS8416 Datasheet HTML 18Page - Cirrus Logic CS8416 Datasheet HTML 19Page - Cirrus Logic CS8416 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
CS8416
16
DS578PP2
5 S/PDIF RECEIVER
The CS8416 includes an AES3/SPDIF digital au-
dio receiver. The AES3 receiver accepts and de-
codes audio and digital data according to the AES3,
IEC60958 (S/PDIF), and EIAJ CP-1201 interface
standards. The receiver consists of an analog differ-
ential input stage, driven through analog input pins
RXP0 to RXP7 and a common RXN, a PLL based
clock recovery circuit, and a decoder which sepa-
rates the audio data from the channel status and
user data.
Software Mode
The first 5 bytes of both channels status block is
stored in dedicated registers. Channel A status data
is stored in control port registers 19h to 1Dh. Chan-
nel B status data is stored in control port registers
1Eh to 22h.
Q Subcode data is stored in control port registers
0Eh to 17h.
PC Burst preamble is stored in control port regis-
ters 23h and 24h. PD Burst preamble is stored in
control port registers 25h and 26h.
U and C data may be selected for output on GPO
pins.
External components are used to terminate and iso-
late the incoming data cables from the CS8416.
These components are detailed in Appendix A.
Hardware Mode
U and C bits are output on pins 18 and 19 respec-
tively. See Section “Hardware Mode Function Se-
lection” on page 40 and “Hardware Mode Settings
(Defaults & Controls)” on page 40 to configure
these pins.
5.1
8:2 S/PDIF Input Multiplexer
The CS8416 employs a 8:2 S/PDIF input multi-
plexer to accommodate up to eight channels of in-
put digital audio data. Digital audio data may be
single- ended or differential. Differential inputs uti-
lize RXP[0-7] and a shared RXN. Single ended sig-
nals are accommodated by using RXP inputs and
AC coupling RXN to ground.
All inputs to the CS8416 8:2 input multiplexer
should be coupled through a capacitor. The recom-
mended capacitor value is 0.01uF to 0.1uF. The
recommended dielectrics are COG or X7R.
Software Mode
The multiplexer select line control is accessed
through bits RXSEL[2:0] in control port register 4.
The multiplexer defaults to RXP0.
The second output of the input multiplexer is used
to provide the selected input as a source to be out-
put on a GPO pin via the internal TX pin. This pass
through signal is selected by TXSEL[2:0] in con-
trol port register 04h. The single-ended signal is re-
solved to full-rail, but is not de-jittered before it is
output.
Hardware Mode
In hardware mode the input to the decoder is select-
ed by dedicated pins, RXSEL[1:0].
The pass through signal is selected by dedicated
pins, TXSEL[1:0] for output on the dedicated TX
pin.
Selectable inputs are restricted to RXP0 to RXP3
for both the receiver and the TX output pin. These
inputs are selected by RXSEL[1:0] and TX-
SEL[1:0] respectively.
General
Unused multiplexer inputs should be left floating
or grounded.
The input voltage range for the input multiplexer is
set by the I/O power supply pin, VL+. The input
voltage of the RXP and RXN pins is also set by the
level of VL+.
5.2
PLL, Jitter Attenuation, and Clock
Switching
An on-chip Phase Locked Loop (PLL) is used to re-
cover the clock from the incoming data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com