Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 3Page - Cirrus Logic CS8416 Datasheet HTML 4Page - Cirrus Logic CS8416 Datasheet HTML 5Page - Cirrus Logic CS8416 Datasheet HTML 6Page - Cirrus Logic CS8416 Datasheet HTML 7Page - Cirrus Logic CS8416 Datasheet HTML 8Page - Cirrus Logic CS8416 Datasheet HTML 9Page - Cirrus Logic CS8416 Datasheet HTML 10Page - Cirrus Logic CS8416 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
CS8416
DS578PP2
7
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS
(TA = 25 °C for suffixes ‘CS’ & ’CZ’, TA = -40 to 85 °C for ‘IS’ & ‘IZ’ ; VA+ = VD+ = 3.3 V ± 5%, VL+ = 3.135 V to 5.5
V, Inputs: Logic 0 = 0 V, Logic 1 = VL+; CL =20pF)
Notes: 5. In Software mode the active edges of OSCLK are programmable.
6. In Software mode the polarity of OLRCK is programmable.
7. This delay is to prevent the previous OSCLK edge from being interpreted as the first one after OLRCK
has changed.
8. This setup time ensures that this OSCLK edge is interpreted as the first one after OLRCK has changed.
Parameter
Symbol
Min
Typ
Max
Units
OSCLK Active Edge to SDOUT Output Valid
(Note 5)tdpd
-
-
15
ns
Master Mode
RMCK to OSCLK active edge delay
(Note 5)tsmd
0
-
10
ns
RMCK to OLRCK delay
(Note 6)tlmd
0
-
10
ns
OSCLK and OLRCK Duty Cycle
-
50
-
%
Slave Mode
OSCLK Period
tsckw
36
-
-
ns
OSCLK Input Low Width
tsckl
14
-
-
ns
OSCLK Input High Width
tsckh
14
-
-
ns
OSCLK Active Edge to OLRCK Edge
(Notes 5,6,7)tlrckd
10
-
-
ns
OSCLK Edge Setup Before OSCLK Active-Edge
(Notes 5,6,8)tlrcks
10
-
-
ns
Figure 1. Audio Port Master Mode Timing
Figure 2. Audio Port Slave Mode and Data Input Timing
sckh
sckl
sckw
t
t
t
tdpd
SDOUT
(input)
(input)
lrcks
t
lrckd
t
OSCLK
OLRCK
OSC L K
OL R C K
(output)
(output)
RM C K
t
sm d
t
lm d
(o utp ut)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com