Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 6Page - Cirrus Logic CS8416 Datasheet HTML 7Page - Cirrus Logic CS8416 Datasheet HTML 8Page - Cirrus Logic CS8416 Datasheet HTML 9Page - Cirrus Logic CS8416 Datasheet HTML 10Page - Cirrus Logic CS8416 Datasheet HTML 11Page - Cirrus Logic CS8416 Datasheet HTML 12Page - Cirrus Logic CS8416 Datasheet HTML 13Page - Cirrus Logic CS8416 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
CS8416
10
DS578PP2
2
TYPICAL CONNECTION DIAGRAMS
CS8416
A seperate analog supply is only necessary in applications where RMCK is used for a jitter
sensitive tast. For applications where RMCK is not used for a jitter sensitive task, connect
VA+ to VD+ via a ferrite bead. Keep decoupling capacitors between VA+ and AGND.
Please see section 5.1 "8:2 S/PDIF Input Multiplexer" and Appendix
A for typical input configurations and recommended input circuits.
*
**
FILT
DGND
AGND
**
***
For best jitter performance connect the filter ground directly to the AGND pin.
SeeTable2for PLLfiltervalues.
***
RXN
RXP0
RXP1
RXP2
RXP3
AES3 /
S/PDIF
Sources
Microcontroller
SCL / CCLK
SDA / CDOUT
OMCK
Clock Source
RST
AD1 / CDIN
GPO0
RMCK
Clock Control
Serial Audio
Input
Device
OLRCK
OSCLK
SDOUT
External
Interface
RXP4
RXP5
RXP6
RXP7
AD0 / CS
GPO1
AD2/GPO2
Rflt
Cflt
Crip
47K
Ω
10 F
µ
+3.3V to +5V
0.1 F
µ
1nF
+3.3V
Ferrite
Bead
+3.3V
Analog
Supply *
VA+ VD+
VL+
*
10 F
µ
0.1 F
µ
1nF
0.1 F
µ
1nF
VL+
VL+
Figure 5. Typical Connection Diagram - Software Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com