Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 36Page - Cirrus Logic CS8416 Datasheet HTML 37Page - Cirrus Logic CS8416 Datasheet HTML 38Page - Cirrus Logic CS8416 Datasheet HTML 39Page - Cirrus Logic CS8416 Datasheet HTML 40Page - Cirrus Logic CS8416 Datasheet HTML 41Page - Cirrus Logic CS8416 Datasheet HTML 42Page - Cirrus Logic CS8416 Datasheet HTML 43Page - Cirrus Logic CS8416 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
CS8416
40
DS578PP2
11.1
Hardware Mode Function Selection
Hardware Mode and several options for that mode are selected by pulling CS8416 pins up or down imme-
diately after RST is released.
1) SDOUT – Hardware/Software Mode select
2) RCBL – Serial Port slave/master select
3) NV/RERR – NVERR/RERR select
4) AUDIO – Serial Port Format select[1] (0/1)
5) C – Serial Port Format select[0] (0/1)
6) U – RMCK Frequency Select (256/128)
7) 96KHZ – Emphasis Audio Match Off/On
For these pins, the first option is selected by using a pulldown. The second option is selected via a pullup.
11.2
Hardware Mode Settings (Defaults & Controls)
Control Register 0
TRUNC = 0
FS[1:0] = 00
Control Register 1
SWCLK = 1
MUTSAO = 0
INT = N/A, there is no interrupt pin in hardware mode
HOLD[1:0] = 00
RMCKF = Set by U pin pull-up/down at startup
CHS = 0
Control Register 2
DETCI = N/A
EMPH_CNTL[2] = set by 96KHZ pull-up/down at startup
EMPH_CNTL[1:0] = 00
GPO0SEL[3:0] = N/A
Control Register 3
GPO1SEL[3:0] = N/A
GPO2SEL[3:0] = N/A
Control Register 4
RUN = 1
RXD = 0
RX_SEL[2] = 0
RX_SEL[1:0] = RX_SEL[1:0] pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com