Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 18Page - Cirrus Logic CS8416 Datasheet HTML 19Page - Cirrus Logic CS8416 Datasheet HTML 20Page - Cirrus Logic CS8416 Datasheet HTML 21Page - Cirrus Logic CS8416 Datasheet HTML 22Page - Cirrus Logic CS8416 Datasheet HTML 23Page - Cirrus Logic CS8416 Datasheet HTML 24Page - Cirrus Logic CS8416 Datasheet HTML 25Page - Cirrus Logic CS8416 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
CS8416
22
DS578PP2
6.3
General Purpose Outputs
Three General Purpose outputs are provided to allow the equipment designer flexibility in configuring the
CS8416.
Fourteen signals are available to be routed to the GPOs.
GPO pins may be configured to provide the following data:
Notes: 13. Frequency = 25 MHz Max, duty cycle not guaranteed, target duty cycle = 50% @ FS =48kHz.
6.4
Interrupts
The CS8416 has a comprehensive interrupt capa-
bility. The INT pin may be set to be active low, ac-
tive high or active low with no active pull-up
transistor. This last mode is used for active low,
wired-OR hook- ups, with multiple peripherals
connected to the microcontroller interrupt input
pin.
Many conditions can cause an interrupt, as listed in
the interrupt status register descriptions. Each
source may be masked off through mask register
bits. In addition, each source may be set to rising
edge, falling edge, or level sensitive. Combined
with the option of level sensitive or edge sensitive
modes within the microcontroller, many different
configurations are possible, depending on the
needs of the equipment designer.
Function
Code
Definition
TX
0000
AES/SPDIF input selected by TXSEL[2:0]
EMPH
0001
State of EMPH bit in incoming stream. Same polarity as EMPHb bit.
INT
0010
CS8416 interrupt
C
0011
Channel status bit
U
0100
User data bit
RERR
0101
Receiver Error
NVERR
0110
Non-Validity Receiver Error
RCBL
0111
Receiver Channel Status Block
96KHZ
1000
Input FS ≥ 88.1
AUDIO
1001
Non-audio indicator for decoded input stream
VLRCK
1010
Virtual LRCK
GND
1011
Fixed low Level
VDD
1100
VDD fixed high level
HRMCK
1101
FS X 512 (Note 13)
Codes 1110 to 1111 - Reserved
Table 3. GPO Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com