Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 8Page - Cirrus Logic CS8416 Datasheet HTML 9Page - Cirrus Logic CS8416 Datasheet HTML 10Page - Cirrus Logic CS8416 Datasheet HTML 11Page - Cirrus Logic CS8416 Datasheet HTML 12Page - Cirrus Logic CS8416 Datasheet HTML 13Page - Cirrus Logic CS8416 Datasheet HTML 14Page - Cirrus Logic CS8416 Datasheet HTML 15Page - Cirrus Logic CS8416 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
CS8416
12
DS578PP2
3 GENERAL DESCRIPTION
The CS8416 is a monolithic CMOS device which
receives and decodes audio data according to the
AES3, IEC60958, S/PDIF, and EIAJ CP1201 inter-
face standards.
The CS8416 utilizes an 8:2 multiplexer to select
between eight inputs for decoding and to allow an
input signal to be routed to an output of the
CS8416. Input data is either differential or single-
ended. A low jitter clock is recovered from the in-
coming data using a PLL. The decoded audio data
is output through a configurable, 3-wire output
port. The channel status and Q-channel subcode
portion of the user data are assembled in registers
and may be accessed through an SPI or I2C port.
Three General Purpose Output (GPO) pins are pro-
vided to allow a variety of signals to be accessed
under software control. In hardware mode, dedicat-
ed pins are used to select audio stream inputs for
decoding and transmission to a dedicated TX pin.
Hardware mode also allows direct access to chan-
nel status and user data output pins.
Figure 5 and Figure 6 show the power supply and
external connections to the CS8416 when config-
ured for software and hardware modes. Please note
that all I/O pins, including RXN and RXP[7:0], op-
erate at the VL+ voltage.
3.1
AES3 and S/PDIF Standards
Documents
This document assumes that the user is familiar
with the AES3 and S/PDIF data formats. It is advis-
able to have current copies of the AES3, IEC60958,
and IEC61937 specifications on hand for easy ref-
erence.
The latest AES3 standard is available from the Au-
dio Engineering Society or ANSI at www.aes.org
or at www.ansi.org. Obtain a copy of the latest
IEC60958/61937 standard from ANSI or from the
International
Electrotechnical
Commission
at
www.iec.ch. The latest EIAJ CP-1201 standard is
available from the Japanese Electronics Bureau.
Application Note 22: Overview of Digital Audio In-
terface Data Structures contains a useful tutorial
on digital audio specifications, but it should not be
considered a substitute for the standards.
The paper An Understanding and Implementation
of the SCMS Serial Copy Management System for
Digital Audio Transmission, by Clifton Sanchez, is
an excellent tutorial on SCMS. It is available from
the AES as reprint 3518.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com