Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 23Page - Cirrus Logic CS8416 Datasheet HTML 24Page - Cirrus Logic CS8416 Datasheet HTML 25Page - Cirrus Logic CS8416 Datasheet HTML 26Page - Cirrus Logic CS8416 Datasheet HTML 27Page - Cirrus Logic CS8416 Datasheet HTML 28Page - Cirrus Logic CS8416 Datasheet HTML 29Page - Cirrus Logic CS8416 Datasheet HTML 30Page - Cirrus Logic CS8416 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
CS8416
DS578PP2
27
GPO1SEL[3:0] – GPO1 Source select
Default = 0000
GPO2SEL[3:0] – GPO2 source select
Default = 0000
8.5
Control4 (04h)
RUN - Controls the internal clocks, allowing the CS8416 to be placed in a “powered down”, low current consumption,
state.
Default = ‘0’
0 - Internal clocks are stopped. Internal state machines are reset. The fully static control port is oper-
ational, allowing registers to be read or changed. Power consumption is low.
1 - Normal part operation. This bit must be written to the 1 state to allow the CS8416 to begin opera-
tion. All input clocks should be stable in frequency and phase when RUN is set to 1.
RXD – RMCK High-Z
Default = “0”
0 -RMCK is an output, Clock is derived from input frame rate
1 – RMCK becomes high impedance
RX_SEL[2:0] – Selects RXP0 to RXP7 for input to the receiver
Default =000
000 – RXP0
001 – RXP1, etc
TX_SEL[2:0] – Selects RXP0 to RXP7 as the input for GPO TX source
Default =000
000 – RXP0
001 – RXP1, etc
8.6
Serial Audio Data Format (05h)
SOMS - Master/Slave Mode Selector
Default = ‘0’
76
5432
10
RUN
RXD
RXSEL2
RXSEL1
RXSEL0
TXSEL2
TXSEL1
TXSEL0
76
5432
10
SOMS
SOSF
SORES1
SORES0
SOJUST
SODEL
SOSPOL
SOLRPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com