Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 5 Page - Cirrus Logic

  CS8416 Datasheet HTML 1Page - Cirrus Logic CS8416 Datasheet HTML 2Page - Cirrus Logic CS8416 Datasheet HTML 3Page - Cirrus Logic CS8416 Datasheet HTML 4Page - Cirrus Logic CS8416 Datasheet HTML 5Page - Cirrus Logic CS8416 Datasheet HTML 6Page - Cirrus Logic CS8416 Datasheet HTML 7Page - Cirrus Logic CS8416 Datasheet HTML 8Page - Cirrus Logic CS8416 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
CS8416
DS578PP2
5
1 CHARACTERISTICS AND SPECIFICATIONS
POWER AND THERMAL CHARACTERISTICS
(AGND, DGND = 0 V, all voltages with respect to ground)
Notes: 1. Assumes that no digital inputs are left floating. It is recommended that all digital inputs be driven high
or low at all times.
2. ‘-CS’ and ‘-CZ’ parts are specified to operate over -10° C to 70° C but are tested at 25° C only.
3. ‘-IS’ and ‘-IZ’ parts are tested over the full -40° C to 85° C temperature range.
ABSOLUTE MAXIMUM RATINGS
(AGND, DGND = 0 V, all voltages with respect to ground)
Notes: 4. Transient currents of up to 100mA will not cause SCR latch-up.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VA+
3.13
3.3
3.46
V
VD+
3.13
3.3
3.46
V
VL+
3.13
3.3
5.5
V
Supply Current at 48 KHz frame rate
IA
-
5.7
-
mA
ID
-
5.9
-
mA
IL
-
2.8
-
mA
Supply Current at 192 KHz frame rate
(Note 1)
IA
-
9.4
-
mA
ID
-
23
-
mA
IL
-7.8
-
mA
Supply Current in Power Down
IA
-
10
-
uA
ID
-
70
-
uA
IL
-
10
-
uA
Ambient Operating Temperature: ‘-CS’ & ‘-CZ’
(Note 2)
‘-IS’ & ‘-IZ’
(Note 3)
TA
-10°
-40°
25°
-
70°
85°
°C
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VD+, VA+, VL+
-
6
Volts
Input Current, Any Pin Except Supplies
(Note 4)
Iin
-10
10
mA
Input Voltage
Vin
-0.3
VL +.03
Volts
Ambient Operating Temperature
TA
CS8416-C
CS8416-I
-10°
-40°
70°
85°
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com