Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 13Page - Cirrus Logic CS8416 Datasheet HTML 14Page - Cirrus Logic CS8416 Datasheet HTML 15Page - Cirrus Logic CS8416 Datasheet HTML 16Page - Cirrus Logic CS8416 Datasheet HTML 17Page - Cirrus Logic CS8416 Datasheet HTML 18Page - Cirrus Logic CS8416 Datasheet HTML 19Page - Cirrus Logic CS8416 Datasheet HTML 20Page - Cirrus Logic CS8416 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
CS8416
DS578PP2
17
There are some applications where low jitter in the
recovered clock, presented on the RMCK pin, is
important. For this reason, the PLL has been de-
signed to have good jitter attenuation characteris-
tics. In addition, the PLL has been designed to only
use the preambles of the AES3 or S/PDIF stream to
provide lock update information to the PLL. This
results in the PLL being immune to data dependent
jitter affects because the AES3 or S/PDIF pream-
bles do not vary with the data.
In applications where jitter must be minimized,
special attention should be given to reducing the
noise on the analog power supply and ground for
the PLL filter components. Connecting the filter
components directly to AGND will help decrease
jitter.
The PLL has the ability to lock onto a wide range
of input sample rates with no external component
changes.
5.2.1
OMCK System Clock Mode
A special clock switching mode is available that al-
lows the OMCK clock input to replace RMCK
when the PLL becomes unlocked.
In Software mode this feature is enabled by setting
SWCLK bit in Control1 register to a “1”.
In Hardware Mode this feature is always active.
Clock switching is accomplished without spurious
transitions or glitches on RMCK.
OSCLK and OLRCK are derived from the OMCK
input when the clock has been switched and the se-
rial port is in master mode.
When the PLL loses lock, the frequency of the
VCO drops to ~500 kHz. When this system clock
mode is not enabled, the OSCLK and OLRCK will
be based on the VCO when the PLL is not locked
5.2.2
PLL External Components
The PLL behavior is affected by the external filter
component values. Figure 5 and Figure 6 show the
recommended configuration of the two capacitors
and one resistor required. There are two sets of
component values recommended, depending on the
sample rate of the application. (See Table 2.) The
default set, called “fast”, accommodates input sam-
ple rates of 96 KHz to 192 Hz with no component
changes. It has the highest corner frequency jitter
attenuation curve, and takes the shortest time to
lock. The alternate component set, called “medi-
um” allows the lowest input sample rate to be 32
kHz, and increases the lock time of the PLL. Lock
times are worst case for an Fs transition from un-
locked state to locking to 192 kHz.
It is important to treat the PLL FLT pin as a low
level analog input. It is suggested that the ground
end of the PLL filter be returned directly to the
AGND pin independently of the digital ground
plane.
5.3
Error Reporting and Hold Function
Software Mode
While decoding the incoming AES3 data stream,
the CS8416 can identify several kinds of error, in-
dicated in the Receiver Error register (0Ch).
The errors indicated are:
1) QCRC – CRC error in Q subcode data
2) CCRC – CRC error in channel status data
3) UNLOCK – PLL is not locked to incoming data
stream
4) V – Data Validity bit is set
5) CONF – Input data stream is near error condi-
tion due to jitter degradation
6) BIP – Biphase encoding error
7) PAR – Parity error in incoming data
Range
(kHz)
Rflt
Cflt
Crip
Settling
Time
32 - 192
1 K
Ω
220 nF
10 nF
11ms
medium
96 - 192
3 K
Ω
22 nF
1 nF
4ms
fast
Table 2. External PLL Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com