Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 26Page - Cirrus Logic CS8416 Datasheet HTML 27Page - Cirrus Logic CS8416 Datasheet HTML 28Page - Cirrus Logic CS8416 Datasheet HTML 29Page - Cirrus Logic CS8416 Datasheet HTML 30Page - Cirrus Logic CS8416 Datasheet HTML 31Page - Cirrus Logic CS8416 Datasheet HTML 32Page - Cirrus Logic CS8416 Datasheet HTML 33Page - Cirrus Logic CS8416 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
CS8416
30
DS578PP2
8.10
Receiver Channel Status (0Ah)
The bits in this register can be associated with either channel A or B of the received data. The desired
channel is selected with the CHS bit of the Control1 register.
AUX3:0 - Incoming auxiliary data field width, as indicated by the incoming channel status bits, de-
coded according to IEC60958 and AES3.
0000 - Auxiliary data is not present
0001 - Auxiliary data is 1 bit long
0010 - Auxiliary data is 2 bits long
0011 - Auxiliary data is 3 bits long
0100 - Auxiliary data is 4 bits long
0101 - Auxiliary data is 5 bits long
0110 - Auxiliary data is 6 bits long
0111 - Auxiliary data is 7 bits long
1000 - Auxiliary data is 8 bits long
1001 - 1111 Reserved
PRO - Channel status block format indicator
0 - Received channel status block is in consumer format
1 - Received channel status block is in professional format
COPY - SCMS copyright indicator
0 - Copyright asserted
1 - Copyright not asserted If the category code is set to General in the incoming AES3 stream, copy-
right will always be indicated by COPY, even when the stream indicates no copyright.
ORIG - SCMS generation indicator, decoded from the category code and the L bit.
0 - Received data is 1st generation or higher
1 - Received data is original
Note: COPY and ORIG will both be set to 1 if incoming data is flagged as professional or if the receiver
is not in use.
EMPH – Indicates whether the input audio data has been pre-emphasized. Also indicates turning
on of the de-emphasis filter during de-emphasis auto-select mode.
0 – 50us/15us pre-emphasis indicated
1 – 50us/15us pre-emphasis not indicated
8.11
Format Detect Status (0Bh)
Note: PCM, DTS_LD, DTS_CD and IEC61937 are mutually exclusive.
PCM – Uncompressed PCM data was detected
IEC61937 – IEC61937 data was detected
DTS_LD – DTS_LD data was detected
76
5432
10
AUX3
AUX2
AUX1
AUX0
PRO
COPY
ORIG
EMPH
76
5432
10
0
PCM
IEC61937
DTS_LD
DTS_CD
Reserved
DGTL_SIL
96KHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com