Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 10Page - Cirrus Logic CS8416 Datasheet HTML 11Page - Cirrus Logic CS8416 Datasheet HTML 12Page - Cirrus Logic CS8416 Datasheet HTML 13Page - Cirrus Logic CS8416 Datasheet HTML 14Page - Cirrus Logic CS8416 Datasheet HTML 15Page - Cirrus Logic CS8416 Datasheet HTML 16Page - Cirrus Logic CS8416 Datasheet HTML 17Page - Cirrus Logic CS8416 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
CS8416
14
DS578PP2
If the user reads OSLIP as soon as the event trig-
gers, over a long period of time the rate of occur-
ring INT will be equal to the difference in
frequency between the input AES data and the
slave serial output LRCK. The CS8416 uses a hys-
teresis window when a slip/repeat event occurs.
The slip/repeat is triggered when an edge of OL-
RCK passes a window size from the beginning of
the Z/X preamble. Without the hysteresis window,
jitter on OLRCK with a frequency very close to Fs
could slip back and forth, causing multiple slip/re-
peat events. The CS8416 uses a hysteresis window
to ensure that only one slip/repeat happens even
with jitter on OLRCK.
4.2
AES11 Behavior
When OLRCK is configured as a master, the posi-
tive or negative edge of OLRCK (depending on the
setting of SOLRPOL in register 05h) will be within
-1.0%(1/Fs) to 1.1%(1/Fs) from the start of the pre-
amble X/Z. In master mode, the latency through the
part is dependent on the input sample frequency.
The delay through the part from the beginning of
the preamble to the active edge of OLRCK for the
various sample frequencies is given in Table 1.In
master mode without the de-emphasis filter en-
gaged, the latency of the audio data will be 3
frames.
When OLRCK is configured as a slave any syn-
chronized input within +/-28%(1/Fs) from the pos-
itive or negative edge of OLRCK (depending on
the setting of SOLRPOL in register 05h) will be
treated as being sampled at the same time. Since the
CS8416 has no control of the OLRCK in slave
mode, the latency of the data through the part will
be a multiple of 1/Fs plus the delay between OL-
RCK and the preambles.
Both of these conditions are within the tolerance
range set forth in the AES11 standard.
X
Channel A
Data
Y
Channel B
Data
Z
Y
X
Y
Channel A
Data
Channel B
Data
Channel A
Data
Channel B
Data
Frame 191
Frame 0
Frame 1
Preambles
OLRCK (in slave mode)
Figure 7. AES3 Data Format
Fs (kHz)
Delay (ns)
32
96.6
44.1
78.6
48
74.6
64
60.6
96
50.6
192
TBD
Table 1. Delays by Frequency Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com