Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 1 Page - Cirrus Logic

  CS8416 Datasheet HTML 1Page - Cirrus Logic CS8416 Datasheet HTML 2Page - Cirrus Logic CS8416 Datasheet HTML 3Page - Cirrus Logic CS8416 Datasheet HTML 4Page - Cirrus Logic CS8416 Datasheet HTML 5Page - Cirrus Logic CS8416 Datasheet HTML 6Page - Cirrus Logic CS8416 Datasheet HTML 7Page - Cirrus Logic CS8416 Datasheet HTML 8Page - Cirrus Logic CS8416 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2002
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS8416
192 kHz Digital Audio Interface Receiver
Features
Complete EIAJ CP1201, IEC-60958, AES3,
S/PDIF compatible receiver
+3.3 V Analog Supply(VA)
+3.3 V to +5.0 V Digital Interface Supply (VL)
+3.3 V Digital Supply (VD)
8:2 S/PDIF Input MUX
AES/SPDIF input pins selectable in hardware
mode
3 General Purpose Outputs (GPO) allow signal
routing
Selectable signal routing to GPO pins
S/PDIF to TX inputs selectable in hardware mode
Flexible 3-wire serial digital output port
32 kHz to 192 kHz sample frequency range
Low jitter clock recovery
Pin and microcontroller read access to Channel
Status and User data
SPI or I2C control port Software Mode and
standalone Hardware Mode
Differential cable receiver
On-chip Channel Status data buffer memories
Auto-detection of compressed audio input
streams
Decodes CD Q sub-code
OMCK System Clock Mode
General Description
The CS8416 is a monolithic CMOS device which re-
ceives and decodes one of 8 channels of audio data
according to the IEC60958, S/PDIF, EIAJ CP1201, or
AES3 interface standards. The CS8416 has a serial dig-
ital audio output port and comprehensive control ability
through a selectable control port in Software Mode or
through selectable pins in Hardware Mode. Channel sta-
tus data are assembled in buffers, making read access
easy.
GPO pins may be assigned to route a variety of signals
to output pins
A low jitter clock recovery mechanism yields a very clean
recoveredclock from theincomingAES3stream.
Stand-alone operation allows systems with no microcon-
troller to operate the CS8416 with dedicated output pins
for channel status data.
Target applications include A/V receivers, CD-R, DVD
receivers, multimedia speakers, digital mixing consoles,
effects processors, set-top boxes, and computer and au-
tomotive audio systems.
ORDERING INFORMATION
CS8416-CS
28-pin SOIC
-10 to +70°C
CS8416-CZ
28-pin TSSOP
-10 to +70°C
CS8416-IS
28-pin SOIC
-40 to +85°C
CS8416-IZ
28-pin TSSOP
-40 to +85°C
Clock &
Data
Recovery
Misc.
Control
Serial
Audio
Output
Receiver
AES3
S/PDIF
Decoder
Control
Port &
Registers
RXN
RXP1
OLRCK
OSCLK
SDOUT
RST
SDA/
CDOUT
SCL/
CCLK
AD1/
CDIN
AD0/
CS
VA+ AGND FILT
VL + DGND
RMCK
RXP2
RXP3
RXP4
RXP5
RXP6
RXP7
8:2
MUX
OMCK
GPO0
GPO1
AD2/GPO2
RXP0
VD+
n:3
MUX
De-emphasis
Filter
C&Ubit
Data Buffer
AUG ‘02
DS578PP2


Similar Part No. - CS8416

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8416 CIRRUS-CS8416 Datasheet
991Kb / 60P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CNZ CIRRUS-CS8416-CNZ Datasheet
991Kb / 60P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CNZR CIRRUS-CS8416-CNZR Datasheet
991Kb / 60P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CSZ CIRRUS-CS8416-CSZ Datasheet
991Kb / 60P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416-CSZR CIRRUS-CS8416-CSZR Datasheet
991Kb / 60P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results

Similar Description - CS8416

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
192 kHz Digital Audio Interface Transmitter
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
192 kHz Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com