Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 21Page - Cirrus Logic CS8416 Datasheet HTML 22Page - Cirrus Logic CS8416 Datasheet HTML 23Page - Cirrus Logic CS8416 Datasheet HTML 24Page - Cirrus Logic CS8416 Datasheet HTML 25Page - Cirrus Logic CS8416 Datasheet HTML 26Page - Cirrus Logic CS8416 Datasheet HTML 27Page - Cirrus Logic CS8416 Datasheet HTML 28Page - Cirrus Logic CS8416 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
CS8416
DS578PP2
25
8 CONTROL PORT REGISTER BIT DEFINITIONS
8.1
Control0 (00h)
TRUNC – Determines if the audio word length is set according to the incoming channel status data as decoded by
the AUX[3:0] bits. The resulting word length in bits is 24-AUX[3:0].
Default = 0
0 – incoming data is not truncated
1 – incoming data is truncated according to the length specified in the channel status data
Truncation occurs before the de-emphasis filter. TRUNC has no effect on output data if de-emphasis
filter is not used.
Reserved
[1:0] – These bits may change state depending on the input audio data.
8.2
Control1 (01h)
SWCLK - Lets OMCK determine RMCK, OSCLK, OLRCK when PLL loses lock
Default = ‘0’
0 – Output clocks determined by PLL
1 – Output clocks determined by OMCK
RMCKF – Recovered Master Clock Frequency
Default = “0”
0 – Frequency is 256 FS
1 – Frequency is 128 FS
MUTESAO - Mute control for the serial audio output port
Default = ‘0’
0- SDOUT (Not Muted)
1 – SDOUT (Muted)
HOLD[1:0] – Determine how received audio sample is affected when a receive error occurs
Default = “00”
00 – hold last audio sample
01 – replace the current audio sample with 00 (mute)
10- do not change the received audio sample
11 - reserved
76
5432
10
0
0
0
0
0
TRUNC
Reserved
Reserved
76
5432
10
SWCLK
MUTESAO
INT1
INT0
HOLD1
HOLD0
RMCKF
CHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com