Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 33Page - Cirrus Logic CS8416 Datasheet HTML 34Page - Cirrus Logic CS8416 Datasheet HTML 35Page - Cirrus Logic CS8416 Datasheet HTML 36Page - Cirrus Logic CS8416 Datasheet HTML 37Page - Cirrus Logic CS8416 Datasheet HTML 38Page - Cirrus Logic CS8416 Datasheet HTML 39Page - Cirrus Logic CS8416 Datasheet HTML 40Page - Cirrus Logic CS8416 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
CS8416
DS578PP2
37
10 HARDWARE MODE
The CS8416 has a hardware mode which allows using the device without a microcontroller. Hardware
mode is selected by connecting the 47K pull-up/down resistor on the SDOUT pin to ground. Various pins
change function in hardware mode, described in the hardware mode pin definition section (Section 11).
Hardware mode data flow is shown in Figure 13. Audio data is input through the AES3/SPDIF receiver,
and routed to the serial audio output port. The decoded C and U bits are also output, clocked at both edges
of OLRCK (master mode only, see Figure 9).
An error in the incoming audio stream will be indicated on the NV/RERR. This pin can be configured in
one of two ways. If RERR is chosen by pulling NV/RERR to ground, the previous audio sample is held
and passed to the serial audio output port if the validity bit is high, or a parity, bi-phase, confidence or PLL
lock error occurs during the current sample. If NVERR is chosen by pulling NV/RERR to VL+, only par-
ity, bi-phase, confidence or PLL lock error cause the previous audio sample to be held.
10.1
Serial Audio Port Formats
In hardware mode, only a limited number of alternative serial audio port formats are available. Table 4 de-
fines the equivalent software mode bit settings for each format.
The start-up options, shown in Table 4, allow choice of the serial audio output port as a master or slave,
and the serial audio port format.
NV/RERR
Power supply pins (VA+, VD+, VL+, AGND, DGND, the reset pin (RST) and the PLL filter pin (FILT)
are omitted from the diagram. Please refer to the Typical Connection Diagram for connection details.
RXP1
4:2
MUX
RXP2
RXP3
RXP0
96kHz
RMCK
RXSEL[1:0]
TXSEL[1:0]
AUDIO
RCBL
RXN
AES3 Rx
&
Decoder
OMCK
TX
OLRCK
OSCLK
SDOUT
C
U
De-emphasis
Filter
Serial
Audio
Output
Figure 13. Hardware Mode Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com