Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 18Page - Microchip Technology USB3250 Datasheet HTML 19Page - Microchip Technology USB3250 Datasheet HTML 20Page - Microchip Technology USB3250 Datasheet HTML 21Page - Microchip Technology USB3250 Datasheet HTML 22Page - Microchip Technology USB3250 Datasheet HTML 23Page - Microchip Technology USB3250 Datasheet HTML 24Page - Microchip Technology USB3250 Datasheet HTML 25Page - Microchip Technology USB3250 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
USB3250
DS00002142A-page 22
2013 - 2016 Microchip Technology Inc.
The behavior of the Transmit State Machine is described below.
• Asserting a RESET forces the transmit state machine into the Reset state which negates TXREADY. When
RESET is negated the transmit state machine will enter a wait state.
• The SIE asserts TXVALID to begin a transmission.
• After the SIE asserts TXVALID it can assume that the transmission has started when it detects TXREADY has
been asserted.
• The SIE must assume that the PHY has consumed a data byte if TXREADY and TXVALID are asserted on the ris-
ing edge of CLKOUT.
• The SIE must have valid packet information (PID) asserted on the TXDATA bus coincident with the assertion of
TXVALID.
• TXREADY is sampled by the SIE on the rising edge of CLKOUT.
• The SIE negates TXVALID to complete a packet. Once negated, the transmit logic will never reassert TXREADY
until after the EOP has been generated. (TXREADY will not re-assert until TXVALID asserts again).
• The PHY is ready to transmit another packet immediately, however the SIE must conform to the minimum inter-
packet delays identified in the USB 2.0 specification.
FIGURE 7-6:
TRANSMIT TIMING FOR 16-BIT DATA, ODD BYTE COUNT
CLK30
DATA[7:0]
TXREADY
TXVALID
DP/DM
PID
DATA
SYNC
DATA
DATA
DATA
DATA
CRC
CRC
PID
DATA[15:8]
DATA (0)
DATA (1)
DATA (2)
DATA (3)
CRC(HI)
CRC (LO)
01
2
3
4
HI
VALIDH
EOP
LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com