Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 27Page - Microchip Technology USB3250 Datasheet HTML 28Page - Microchip Technology USB3250 Datasheet HTML 29Page - Microchip Technology USB3250 Datasheet HTML 30Page - Microchip Technology USB3250 Datasheet HTML 31Page - Microchip Technology USB3250 Datasheet HTML 32Page - Microchip Technology USB3250 Datasheet HTML 33Page - Microchip Technology USB3250 Datasheet HTML 34Page - Microchip Technology USB3250 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 31
USB3250
3.
If the device is in HS mode and an SE0 state is detected for more than 3.0ms. it may enter the HS handshake
detection process. In HS mode, a device must first determine whether the SE0 state is signaling a suspend or a
reset condition. To do this the device reverts to FS mode by placing XCVRSELECT and TERMSELECT into FS
mode. The device must not wait more than 3.125ms before the reversion to FS mode. After reverting to FS mode,
no less than 100µs and no more than 875µs later the SIE must check the LINESTATE signals. If a J state is
detected the device will enter a suspend state. If an SE0 state is detected, then the device will enter the HS Hand-
shake detection process.
In each case, the assertion of the SE0 state on the bus initiates the reset. The minimum reset interval is 10ms. Depend-
ing on the previous mode that the bus was in, the delay between the initial assertion of the SE0 state and entering the
HS Handshake detection can be from 0 to 4ms.
This transceiver design pushes as much of the responsibility for timing events on to the SIE as possible, and the SIE
requires a stable CLKOUT signal to perform accurate timing. In case 2 and 3 above, CLKOUT has been running and is
stable, however in case 1 the PHY is reset from a suspend state, and the internal oscillator and clocks of the transceiver
are assumed to be powered down. A device has up to 6ms after the release of SUSPENDN to assert a minimum of a
1ms Chirp K.
8.8
HS Detection Handshake - FS Downstream Facing Port
Upon entering the HS Detection process (T0) XCVRSELECT and TERMSELECT are in FS mode. The DP pull-up is
asserted and the HS terminations are disabled. The SIE then sets OPMODE to Disable Bit Stuffing and NRZI encoding,
XCVRSELECT to HS mode, and begins the transmission of all 0's data, which asserts a HS K (chirp) on the bus (T1).
The device chirp must last at least 1.0ms, and must end no later than 7.0ms after HS Reset T0. At time T1 the device
begins listening for a chirp sequence from the host port.
If the downstream facing port is not HS capable, then the HS K asserted by the device is ignored and the alternating
sequence of HS Chirp K's and J's is not generated. If no chirps are detected (T4) by the device, it will enter FS mode
by returning XCVRSELECT to FS mode.
FIGURE 8-3:
HS DETECTION HANDSHAKE TIMING BEHAVIOR (FS MODE)
No
Downstream
Facing Port
Chirps
SE0
SOF
FS Mode
Device Chirp K
TXVALID
TERMSELECT
DP/DM
XCVRSELECT
OPMODE 1
OPMODE 0
time
T1
T2
T0
T4
T5
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com