Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 13Page - Microchip Technology USB3250 Datasheet HTML 14Page - Microchip Technology USB3250 Datasheet HTML 15Page - Microchip Technology USB3250 Datasheet HTML 16Page - Microchip Technology USB3250 Datasheet HTML 17Page - Microchip Technology USB3250 Datasheet HTML 18Page - Microchip Technology USB3250 Datasheet HTML 19Page - Microchip Technology USB3250 Datasheet HTML 20Page - Microchip Technology USB3250 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 17
USB3250
.
The eye pattern in Figure 6-5 defines the receiver sensitivity requirements for a hub (signal applied at test point TP2 of
Figure 6-3) or a device without a captive cable (signal applied at test point TP3 of Figure 6-3). The corresponding signal
levels and timings are given in Table 6-7. Timings are given as a percentage of the unit interval (UI), which represents
the nominal bit duration for a 480 Mbit/s transmission rate.
FIGURE 6-4:
EYE PATTERN FOR TRANSMIT WAVEFORM AND EYE PATTERN DEFINITION
TABLE 6-6:
EYE PATTERN FOR TRANSMIT WAVEFORM AND EYE PATTERN DEFINITION
Voltage Level (D+, D-)
Time
(% Of Unit Interval)
Level 1
525mV in UI following a transition,
475mV in all others
N/A
Level 2
-525mV in UI following a transition,
-475mV in all others
N/A
Point 1
0V
7.5% UI
Point 2
0V
92.5% UI
Point 3
300mV
37.5% UI
Point 4
300mV
62.5% UI
Point 5
-300mV
37.5% UI
Point 6
-300mV
62.5% UI
Differential
0
Vlt
Differential
-400mV
Differential
400mV
Unit Interval
100%
Level 2
Level 1
Point 1
Point 2
Point 4
Point 3
Point 6
Point 5
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com