Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 7Page - Microchip Technology USB3250 Datasheet HTML 8Page - Microchip Technology USB3250 Datasheet HTML 9Page - Microchip Technology USB3250 Datasheet HTML 10Page - Microchip Technology USB3250 Datasheet HTML 11Page - Microchip Technology USB3250 Datasheet HTML 12Page - Microchip Technology USB3250 Datasheet HTML 13Page - Microchip Technology USB3250 Datasheet HTML 14Page - Microchip Technology USB3250 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 11
USB3250
6.0
ELECTRICAL CHARACTERISTICS
TABLE 6-1:
ELECTRICAL CHARACTERISTICS: SUPPLY PINS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
FS
TRANSMIT
Total Power
PTOT(FSTX)
FS transmitting at 12Mb/s;
50pF load on DP and DM
86
115
mW
VDD3.3
Power
P3.3V(FSTX)
57
76
mW
VDD1.8
Power
P1.8V(FSTX)
29
39
mW
FS RECEIVE
Total Power
PTOT(FSRX)
FS receiving at 12Mb/s
75
115
mW
VDD3.3
Power
P3.3V(FSRX)
46
76
mW
VDD1.8
Power
P1.8V(FSRX)
29
39
mW
HS
TRANSMIT
Total Power
PTOT(HSTX)
HS transmitting into a 45
load
158
185
mW
VDD3.3
Power
P3.3V (HSTX)
110
130
mW
VDD1.8
Power
P1.8V (HSTX)
48
55
mW
HS RECEIVE
Total Power
PTOT(HSRX)
HS receiving at 480Mb/s
155
185
mW
VDD3.3
Power
P3.3V (HSRX)
107
130
mW
VDD1.8
Power
P1.8V (HSRX)
48
55
mW
SUSPEND
MODE 1
Total Current
IDD(SUSP1)
15k
 pull-down and 1.5k
pull-up resistor on pin DP
not connected.
123
240
uA
VDD3.3
Current
I3.3V (SUSP1)
68
120
uA
VDD1.8
Current
I1.8V (SUSP1)
55
120
uA
SUSPEND
MODE 2
Total Current
IDD(SUSP2)15k pull-down and 1.5k
pull-up resistor on pin DP
connected.
323
460
uA
VDD3.3
Current
I3.3V (SUSP2)
268
340
uA
VDD1.8
Current
I1.8V (SUSP2)
55
120
uA
(VDD1.8 =1.6 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = -40
oC to +85oC; unless otherwise specified.)
TABLE 6-2:
DC ELECTRICAL CHARACTERISTICS: LOGIC PINS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Low-Level Input Voltage
VIL
VSS
0.8
V
High-Level Input Voltage
VIH
2.0
VDD3.3
V
Low-Level Output Voltage
VOL
IOL = 4mA
0.4
V
High-Level Output Voltage
VOH
IOH = -4mA
VDD3.3
- 0.5
V
Input Leakage Current
ILI
± 1
uA
Pin Capacitance
Cpin
4pF
(VDD1.8 =1.6 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = -40
oC to +85oC; unless otherwise specified.
Pins Data[15:0] and VALIDH have passive pull-down elements.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com