Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 10Page - Microchip Technology USB3250 Datasheet HTML 11Page - Microchip Technology USB3250 Datasheet HTML 12Page - Microchip Technology USB3250 Datasheet HTML 13Page - Microchip Technology USB3250 Datasheet HTML 14Page - Microchip Technology USB3250 Datasheet HTML 15Page - Microchip Technology USB3250 Datasheet HTML 16Page - Microchip Technology USB3250 Datasheet HTML 17Page - Microchip Technology USB3250 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
USB3250
DS00002142A-page 14
2013 - 2016 Microchip Technology Inc.
6.1
Driver Characteristics of Full-Speed Drivers in Hi-Speed Capable Transceivers
The USB transceiver uses a differential output driver to drive the USB data signal onto the USB cable. Figure 6-1 shows
the V/I characteristics for a full-speed driver which is part of a Hi-Speed capable transceiver. The normalized V/I curve
for the driver must fall entirely inside the shaded region. The V/I region is bounded by the minimum driver impedance
above (40.5 Ohm) and the maximum driver impedance below (49.5 Ohm). The output voltage must be within 10mV of
ground when no current is flowing in or out of the pin.
TXDATA[7:0]
TSU
Setup time from signal to
CLKOUT
4ns
TXVALID
4
OPMODE[1:0]
4
XCVRSELECT
4
TERMSELECT
4
SUSPENDN
4
TXDATA[7:0]
TH
Hold time from CLKOUT
to signal
0ns
TXVALID
0
OPMODE[1:0]
0
XCVRSELECT
0
TERMSELECT
0
SUSPENDN
0
FIGURE 6-1:
FULL-SPEED DRIVER VOH/IOH CHARACTERISTICS FOR HI-SPEED CAPABLE
TRANSCEIVER
TABLE 6-5:
DYNAMIC CHARACTERISTICS: DIGITAL UTMI PINS (CONTINUED)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
(VDD1.8 =1.6 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = -40
oC to +85oC; unless otherwise specified.)
Vout (Volts)
VOH
0
0
Drive High
0.698*VOH
Test Limit
Slope = 1/49.5 Ohm
Slope = 1/40.5 Ohm
0.566*VOH
-10.71 * |VOH|
-6.1 * |VOH|
Iout
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com