Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 39 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 35Page - Microchip Technology USB3250 Datasheet HTML 36Page - Microchip Technology USB3250 Datasheet HTML 37Page - Microchip Technology USB3250 Datasheet HTML 38Page - Microchip Technology USB3250 Datasheet HTML 39Page - Microchip Technology USB3250 Datasheet HTML 40Page - Microchip Technology USB3250 Datasheet HTML 41Page - Microchip Technology USB3250 Datasheet HTML 42Page - Microchip Technology USB3250 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 39
USB3250
FIGURE 8-9:
APPLICATION DIAGRAM FOR 56-PIN VQFN PACKAGE
UTMI
USB
POWER
TXVALID
TXREADY
RXACTIVE
RXVALID
RXERROR
VALIDH
DATABUS16_8
XCVRSELECT
TERMSELECT
SUSPENDN
RESET
OPMODE 0
OPMODE 1
LINESTATE 0
LINESTATE 1
CLKOUT
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
DATA 8
DATA 9
DATA 10
DATA 11
DATA 12
DATA 13
DATA 14
DATA 15
XI
XO
DP
DM
VDDA1.8
VDD1.8
VDD1.8
VDD1.8
VDD1.8
VDDA3.3
VDDA3.3
VDD3.3
VDD3.3
VDD3.3
VSS
VSS
VSS
VSS
VSS
VSSA
VSSA
VSSA
VSSA
USB-B
GND
VDD3.3

12MHz
Crystal
C LOAD
C LOAD
44
42
41
40
39
37
36
35
34
32
31
30
29
27
26
25
10
11
12
16
23
38
53
4
7
15
28
43
45
51
50
46
52
47
54
17
18
13
24
20
19
22
21
49
3
2
14
33
48
55
56
1
5
8
9
RBIAS
6
12K
VDD1.8
Voltage
Regulator
VDD3.3
10uF
1uF
1uF
10uF
VDD1.8
Ferrite Bead
Ferrite Bead
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com