Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 4Page - Microchip Technology USB3250 Datasheet HTML 5Page - Microchip Technology USB3250 Datasheet HTML 6Page - Microchip Technology USB3250 Datasheet HTML 7Page - Microchip Technology USB3250 Datasheet HTML 8Page - Microchip Technology USB3250 Datasheet HTML 9Page - Microchip Technology USB3250 Datasheet HTML 10Page - Microchip Technology USB3250 Datasheet HTML 11Page - Microchip Technology USB3250 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
USB3250
DS00002142A-page 8
2013 - 2016 Microchip Technology Inc.
TABLE 4-2:
DATA INTERFACE SIGNALS
Name
Direction
Active Level
Description
DATA[15:0]
Bidir
N/A
DATA BUS. 16-BIT BIDIRECTIONAL MODE.
TXVALID
RXVALID
VALIDH
DATA[15:0]
0
0
X
Not used
0
1
0
DATA[7:0] output is valid
for receive
VALIDH is an output
0
1
1
DATA[15:0] output is
valid for receive
VALIDH is an output
1
X
0
DATA[7:0] input is valid
for transmit
VALIDH is an input
1
X
1
DATA[15:0] input is valid
for transmit
VALIDH is an input
DATA BUS. 8-BIT UNIDIRECTIONAL MODE.
TXVALID
RXVALID
DATA[15:0]
0
0
Not used
0
1
DATA[15:8] output is valid for receive
1
X
DATA[7:0] input is valid for transmit
TXVALID
Input
High
Transmit Valid. Indicates that the TXDATA bus is valid for
transmit. The assertion of TXVALID initiates the transmission of
SYNC on the USB bus. The negation of TXVALID initiates EOP on
the USB.
Control inputs (OPMODE[1:0], TERMSELECT,XCVRSELECT)
must not be changed on the de-assertion or assertion of TXVALID.
The PHY must be in a quiescent state when these inputs are
changed.
TXREADY
Output
High
Transmit Data Ready. If TXVALID is asserted, the SIE must
always have data available for clocking into the TX Holding
Register on the rising edge of CLKOUT. TXREADY is an
acknowledgment to the SIE that the transceiver has clocked the
data from the bus and is ready for the next transfer on the bus. If
TXVALID is negated, TXREADY can be ignored by the SIE.
VALIDH
Bidir
N/A
Transmit/Receive High Data Bit Valid (used in 16-bit mode
only). When TXVALID = 1, the 16-bit data bus direction is changed
to inputs, and VALIDH is an input. If VALIDH is asserted,
DATA[15:0] is valid for transmission. If deasserted, only DATA[7:0]
is valid for transmission. The DATA bus is driven by the SIE.
When TXVALID = 0 and RXVALID = 1, the 16-bit data bus direction
is changed to outputs, and VALIDH is an output. If VALIDH is
asserted, the DATA[15:0] outputs are valid for receive. If
deasserted, only DATA[7:0] is valid for receive. The DATA bus is
read by the SIE.
RXVALID
Output
High
Receive Data Valid. Indicates that the RXDATA bus has received
valid data. The Receive Data Holding Register is full and ready to
be unloaded. The SIE is expected to latch the RXDATA bus on the
rising edge of CLKOUT.
RXACTIVE
Output
High
Receive Active. Indicates that the receive state machine has
detected Start of Packet and is active.
RXERROR
Output
High
Receive Error. 0: Indicates no error. 1: Indicates a receive error
has been detected. This output is clocked with the same timing as
the RXDATA lines and can occur at anytime during a transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com