Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 20Page - Microchip Technology USB3250 Datasheet HTML 21Page - Microchip Technology USB3250 Datasheet HTML 22Page - Microchip Technology USB3250 Datasheet HTML 23Page - Microchip Technology USB3250 Datasheet HTML 24Page - Microchip Technology USB3250 Datasheet HTML 25Page - Microchip Technology USB3250 Datasheet HTML 26Page - Microchip Technology USB3250 Datasheet HTML 27Page - Microchip Technology USB3250 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
USB3250
DS00002142A-page 24
2013 - 2016 Microchip Technology Inc.
The assertion of RESET will force the Receive State Machine into the Reset state. The Reset state deasserts RXAC-
TIVE and RXVALID. When the RESET signal is deasserted the Receive State Machine enters the RX Wait state and
starts looking for a SYNC pattern on the USB. When a SYNC pattern is detected the state machine will enter the Strip
SYNC state and assert RXACTIVE. The length of the received Hi-Speed SYNC pattern varies and can be up to 32 bits
long or as short as 12 bits long when at the end of five hubs. As a result, the state machine may remain in the Strip
SYNC state for several byte times before capturing the first byte of data and entering the RX Data state.
After valid serial data is received, the state machine enters the RX Data state, where the data is loaded into the RX
Holding Register on the rising edge of CLKOUT and RXVALID is asserted. The SIE must clock the data off the RXDATA
bus on the next rising edge of CLKOUT. If OPMODE = Normal, then stuffed bits are stripped from the data stream. Each
time 8 stuffed bits are accumulated the state machine will enter the RX Data Wait state, negating RXVALID thus skipping
a byte time.
When the EOP is detected the state machine will enter the Strip EOP state and negate RXACTIVE and RXVALID. After
the EOP has been stripped the Receive State Machine will reenter the RX Wait state and begin looking for the next
packet.
The behavior of the Receive State Machine is described below:
• RXACTIVE and RXREADY are sampled on the rising edge of CLKOUT.
• In the RX Wait state the receiver is always looking for SYNC.
• The USB3250asserts RXACTIVE when SYNC is detected (Strip SYNC state).
• The USB3250 negates RXACTIVE when an EOP is detected and the elasticity buffer is empty (Strip EOP state).
• When RXACTIVE is asserted, RXVALID will be asserted if the RX Holding Register is full.
• RXVALID will be negated if the RX Holding Register was not loaded during the previous byte time. This will occur
if 8 stuffed bits have been accumulated.
• The SIE must be ready to consume a data byte if RXACTIVE and RXVALID are asserted (RX Data state).
• Figure 7-10 shows the timing relationship between the received data (DP/DM), RXVALID, RXACTIVE, RXERROR
and RXDATA signals.
Note 7-1
The USB 2.0 Transceiver does NOT decode Packet ID's (PIDs). They are passed to the SIE for
decoding.
Note 7-2
Figure 7-10, Figure 7-11 and Figure 7-12 are timing examples of a HS/FS Macrocell when it is in HS
mode. When a HS/FS Macrocell is in FS Mode (8-bit mode) there are approximately 40 CLK60 cycles
every byte time. The Receive State Machine assumes that the SIE captures the data on the RXDATA
bus if RXACTIVE and RXVALID are asserted. In FS mode, RXVALID will only be asserted for one
CLK60 per byte time.
FIGURE 7-9:
RECEIVE TIMING FOR 16-BIT DATA, ODD BYTE COUNT
PID
DATA
DATA
DATA
DAT
A
CRC
CRC
EOP
PID
DATA (0)
DATA (1)
DATA (2)
DATA (3)
CRC (LO)
CRC (HI)
0
123
LO
HI
SYNC
CLK30
DATA[7:0]
RXACTIVE
RXVALID
DP/DM
DATA[15:8]
VALIDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com