Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 25Page - Microchip Technology USB3250 Datasheet HTML 26Page - Microchip Technology USB3250 Datasheet HTML 27Page - Microchip Technology USB3250 Datasheet HTML 28Page - Microchip Technology USB3250 Datasheet HTML 29Page - Microchip Technology USB3250 Datasheet HTML 30Page - Microchip Technology USB3250 Datasheet HTML 31Page - Microchip Technology USB3250 Datasheet HTML 32Page - Microchip Technology USB3250 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 29
USB3250
8.5
Reset Detection
bit If a device in HS mode detects bus inactivity for more than 3ms (T1), it reverts to FS mode. This enables the FS pull-
up on the DP line in an attempt to assert a continuous FS J state on the bus. The SIE must then check LINESTATE for
the SE0 condition. If SE0 is asserted at time T2, then the upstream port is forcing the reset state to the device (i.e., a
Driven SE0). The device will then initiate the HS detection handshake protocol.
FIGURE 8-1:
RESET TIMING BEHAVIOR (HS MODE)
TABLE 8-4:
RESET TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
HS Reset T0
Bus activity ceases, signaling either a reset or a
SUSPEND.
0 (reference)
T1
Earliest time at which the device may place itself in FS
mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS
Reset T0 + 3.125ms
T2
SIE samples LINESTATE. If LINESTATE = SE0, then
the SE0 on the bus is due to a Reset state. The device
now enters the HS Detection Handshake protocol.
T1 + 100µs < T2 < T1 + 875µs
Driven SE0
HS Detection
Handshake
XCVRSELECT
DP/DM
TERMSELECT
time
Last
Activity
T2
T0
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com