Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 16Page - Microchip Technology USB3250 Datasheet HTML 17Page - Microchip Technology USB3250 Datasheet HTML 18Page - Microchip Technology USB3250 Datasheet HTML 19Page - Microchip Technology USB3250 Datasheet HTML 20Page - Microchip Technology USB3250 Datasheet HTML 21Page - Microchip Technology USB3250 Datasheet HTML 22Page - Microchip Technology USB3250 Datasheet HTML 23Page - Microchip Technology USB3250 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
USB3250
DS00002142A-page 20
2013 - 2016 Microchip Technology Inc.
7.2
System Clocking
This block connects to either an external 12MHz crystal or an external clock source and generates a 480MHz multi-
phase clock. The clock is used in the CRC block to over-sample the incoming received data, resynchronize the transmit
data, and is divided down to a 30MHz or 60MHz version (CLKOUT) which acts as the system byte clock. The PLL block
also outputs a clock valid signal to the other parts of the transceiver when the clock signal is stable. All UTMI signals
are synchronized to the CLKOUT output. The behavior of the CLKOUT is as follows:
• Produce the first CLKOUT transition no later than 5.6ms after negation of SUSPENDN. The CLKOUT signal fre-
quency error is less than 10% at this time.
• The CLKOUT signal will fully meet the required accuracy of ±500ppm no later than 1.4ms after the first transition
of CLKOUT.
In HS mode there is one CLKOUT cycle per byte time. The frequency of CLKOUT does not change when the Macrocell
is switched between HS to FS modes. In FS mode (8-bit mode) there are 5 CLK60 cycles per FS bit time, typically 40
CLK60 cycles per FS byte time. If a received byte contains a stuffed bit then the byte boundary can be stretched to 45
CLK60 cycles, and two stuffed bits would result in a 50 CLK60 cycles.
Figure 7-2 shows the relationship between CLK60 and the transmit data transfer signals in FS mode. TXREADY is only
asserted for one CLK60 per byte time to signal the SIE that the data on the TXDATA lines has been read by the Mac-
rocell. The SIE may hold the data on the TXDATA lines for the duration of the byte time. Transitions of TXVALID must
meet the defined setup and hold times relative to CLK60.
Figure 7-3 shows the relationship between CLK60 and the receive data control signals in FS mode. RXACTIVE "frames"
a packet, transitioning only at the beginning and end of a packet. However transitions of RXVALID may take place any
time 8 bits of data are available. Figure 7-3 also shows how RXVALID is only asserted for one CLKOUT cycle per byte
time even though the data may be presented for the full byte time. The XCVRSELECT signal determines whether the
HS or FS timing relationship is applied to the data and control signals.
FIGURE 7-2:
FS CLK RELATIONSHIP TO TRANSMIT DATA AND CONTROL SIGNALS (8-BIT
MODE)
FIGURE 7-3:
FS CLK RELATIONSHIP TO RECEIVE DATA AND CONTROL SIGNALS (8-BIT
MODE)
CLKOUT
TXDATA[7:0]
TXVALID
TXREAD
Y
Don'
t
Care
DATA
3
PI
D
DATA
4
DATA
1
DATA
2
DATA(n+1)
DATA(n+2)
CLK60
RXACTIVE
RXDATA[7:0]
RXVALID
DATA(n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com