Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 31Page - Microchip Technology USB3250 Datasheet HTML 32Page - Microchip Technology USB3250 Datasheet HTML 33Page - Microchip Technology USB3250 Datasheet HTML 34Page - Microchip Technology USB3250 Datasheet HTML 35Page - Microchip Technology USB3250 Datasheet HTML 36Page - Microchip Technology USB3250 Datasheet HTML 37Page - Microchip Technology USB3250 Datasheet HTML 38Page - Microchip Technology USB3250 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 35
USB3250
Note 8-5
Due to the assertion of the HS termination on the host port and FS termination on the device port,
between T1 and T7 the signaling levels on the bus are higher than HS signaling levels and are less
than FS signaling levels.
8.10
HS Detection Handshake - Suspend Timing
If reset is entered from a suspended state, the internal oscillator and clocks of the transceiver are assumed to be pow-
ered down. Figure 8-6 shows how CLK60 is used to control the duration of the chirp generated by the device.
When reset is entered from a suspended state (J to SE0 transition reported by LINESTATE), SUSPENDN is combina-
torially negated at time T0 by the SIE. It takes approximately 5 milliseconds for the transceiver's oscillator to stabilize.
The device does not generate any transitions of the CLK60 signal until it is "usable" (where "usable" is defined as stable
to within ±10% of the nominal frequency and the duty cycle accuracy 50±5%).
The first transition of CLK60 occurs at T1. The SIE then sets OPMODE to Disable Bit Stuffing and NRZI encoding,
XCVRSELECT to HS mode, and must assert a Chirp K for 66000 CLK60 cycles to ensure a 1ms minimum duration. If
CLK60 is 10% fast (66MHz) then Chirp K will be 1.0ms. If CLK60 is 10% slow (54 MHz) then Chirp K will be 1.2ms. The
5.6ms requirement for the first CLK60 transition after SUSPENDN, ensures enough time to assert a 1ms Chirp K and
still complete before T3. Once the Chirp K is completed (T3) the SIE can begin looking for host chirps and use CLK60
to time the process. At this time, the device follows the same protocol as in section 8.9 for completion of the High Speed
Handshake.
To detect the assertion of the downstream Chirp K's and Chirp J's for 2.5us {TFILT}, the SIE must see the appropriate
LINESTATE signals asserted continuously for 165 CLK60 cycles.
FIGURE 8-6:
HS DETECTION HANDSHAKE TIMING BEHAVIOR FROM SUSPEND
CLK60
Look for host chirps
Device Chirp K
SUSPENDN
DP/DM
TERMSELECT
TXVALID
SE0
J
CLK power up time
XCVRSELECT
OPMODE 1
OPMODE 0
time
T0
T3
T4
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com