Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 24Page - Microchip Technology USB3250 Datasheet HTML 25Page - Microchip Technology USB3250 Datasheet HTML 26Page - Microchip Technology USB3250 Datasheet HTML 27Page - Microchip Technology USB3250 Datasheet HTML 28Page - Microchip Technology USB3250 Datasheet HTML 29Page - Microchip Technology USB3250 Datasheet HTML 30Page - Microchip Technology USB3250 Datasheet HTML 31Page - Microchip Technology USB3250 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
USB3250
DS00002142A-page 28
2013 - 2016 Microchip Technology Inc.
The only exception to this is when OPMODE[1:0] is set to state 2 while TXVALID has been asserted (the transceiver is
transmitting a packet), in order to flag a transmission error. In this case, the PHY has already transmitted the SYNC
pattern so upon negation of TXVALID the EOP must also be transmitted to properly terminate the packet. Changing the
OPMODE[1:0] signals under all other conditions, while the transceiver is transmitting or receiving data will generate
undefined results.
Under no circumstances should the device controller change OPMODE while the DP/DM lines are still transmitting or
unpredictable changes on DP/DM are likely to occur. The same applies for TERMSELECT and XCVRSELECT.
8.3
Test Mode Support
8.4
SE0 Handling
For FS operation, IDLE is a J state on the bus. SE0 is used as part of the EOP or to indicate reset. When asserted in
an EOP, SE0 is never asserted for more than 2 bit times. The assertion of SE0 for more than 2.5us is interpreted as a
reset by the device operating in FS mode.
For HS operation, IDLE is a SE0 state on the bus. SE0 is also used to reset a HS device. A HS device cannot use the
2.5us assertion of SE0 (as defined for FS operation) to indicate reset since the bus is often in this state between packets.
If no bus activity (IDLE) is detected for more than 3ms, a HS device must determine whether the downstream facing
port is signaling a suspend or a reset. The following section details how this determination is made. If a reset is signaled,
the HS device will then initiate the HS Detection Handshake protocol.
TABLE 8-3:
USB 2.0 TEST MODE TO MACROCELL MAPPING
USB 2.0 Test Modes
USB3250 Setup
Operational Mode
SIE Transmitted Data
XCVRSELECT &
TERMSELECT
SE0_NAK
Normal
No transmit
HS
J
Disable
All '1's
HS
K
Disable
All '0's
HS
Test_Packet
Normal
Test Packet data
HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com