Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 32Page - Microchip Technology USB3250 Datasheet HTML 33Page - Microchip Technology USB3250 Datasheet HTML 34Page - Microchip Technology USB3250 Datasheet HTML 35Page - Microchip Technology USB3250 Datasheet HTML 36Page - Microchip Technology USB3250 Datasheet HTML 37Page - Microchip Technology USB3250 Datasheet HTML 38Page - Microchip Technology USB3250 Datasheet HTML 39Page - Microchip Technology USB3250 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
USB3250
DS00002142A-page 36
2013 - 2016 Microchip Technology Inc.
8.11
Assertion of Resume
In this case, an event internal to the device initiates the resume process. A device with remote wake-up capability must
wait for at least 5ms after the bus is in the idle state before sending the remote wake-up resume signaling. This allows
the hubs to get into their suspend state and prepare for propagating resume signaling.
The device has 10ms where it can draw a non-suspend current before it must drive resume signaling. At the beginning
of this period the SIE may negate SUSPENDN, allowing the transceiver (and its oscillator) to power up and stabilize.
Figure 8-7 illustrates the behavior of a device returning to HS mode after being suspended. At T4, a device that was
previously in FS mode would maintain TERMSELECT and XCVRSELECT high.
To generate resume signaling (FS 'K') the device is placed in the "Disable Bit Stuffing and NRZI encoding" Operational
Mode (OPMODE [1:0] = 10), TERMSELECT and XCVRSELECT must be in FS mode, TXVALID asserted, and all 0's
data is presented on the TXDATA bus for at least 1ms (T1 - T2).
TABLE 8-8:
HS DETECTION HANDSHAKE TIMING VALUES FROM SUSPEND
Timing Parameter
Description
Value
T0
While in suspend state an SE0 is detected on the USB.
HS Handshake begins. D+ pull-up enabled, HS
terminations disabled, SUSPENDN negated.
0 (HS Reset T0)
T1
First transition of CLKOUT. CLKOUT "Usable"
(frequency accurate to ±10%, duty cycle accurate to
50±5).
T0 < T1 < T0 + 5.6ms
T2
Device asserts Chirp K on the bus.
T1 < T2 < T0 + 5.8ms
T3
Device removes Chirp K from the bus. (1 ms minimum
width) and begins looking for host chirps.
T2 + 1.0 ms < T3 < T0 + 7.0 ms
T4
CLK "Nominal" (CLKOUT is frequency accurate to
±500 ppm, duty cycle accurate to 50±5).
T1 < T3 < T0 + 20.0ms
FIGURE 8-7:
RESUME TIMING BEHAVIOR (HS MODE)
TXVALID
T0
T3
T4
T1
T2
'K' State
FS Idle ('J')
SUSPENDN
DP/DM
XCVRSELECT &
TERMSELECT
SE0
FS Mode
HS Mode
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com