Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 1 Page - Microchip Technology

  USB3250 Datasheet HTML 1Page - Microchip Technology USB3250 Datasheet HTML 2Page - Microchip Technology USB3250 Datasheet HTML 3Page - Microchip Technology USB3250 Datasheet HTML 4Page - Microchip Technology USB3250 Datasheet HTML 5Page - Microchip Technology USB3250 Datasheet HTML 6Page - Microchip Technology USB3250 Datasheet HTML 7Page - Microchip Technology USB3250 Datasheet HTML 8Page - Microchip Technology USB3250 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00002142A-page 1
Highlights
• USB-IF "Hi-Speed" certified to USB 2.0 electrical
specification
• Interface compliant with the UTMI specification
(60MHz 8-bit unidirectional interface or 30MHz
16-bit bidirectional interface)
• Supports 480Mbps High Speed (HS) and 12Mbps
Full Speed (FS) serial data transmission rates
• Integrated 45
 and 1.5k termination resistors
reduce external component count
• Internal short circuit protection of DP and DM
lines
• On-chip oscillator operates with low cost 12MHz
crystal
• Robust and low power digital clock and data
recovery circuit
• SYNC and EOP generation on transmit packets
and detection on receive packets
• NRZI encoding and decoding
• Bit stuffing and unstuffing with error detection
• Supports the USB suspend state, HS detection,
HS Chirp, Reset and Resume
• Support for all test modes defined in the USB 2.0
specification
• Draws 72mA (185mW) maximum current con-
sumption in HS mode - ideal for bus powered
functions
• On-die decoupling capacitance and isolation for
immunity to digital switching noise
• Available in a 56-pin VQFN package
• Full industrial operating temperature range from
-40oC to +85oC (ambient)
Applications
The Universal Serial Bus (USB) is the preferred inter-
face to connect Hi-Speed PC peripherals.
• Digital Still and Video Cameras
• MP3 Players
• External Hard Drives
• Scanners
• Entertainment Devices
• Printers
• Test and Measurement Systems
• POS Terminals
• Set Top Boxes
USB3250
Hi-Speed USB Device Transceiver with UTMI Interface


Similar Part No. - USB3250

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3250 SMSC-USB3250 Datasheet
1Mb / 48P
USB2.0 PHY IC
USB3250-ABZJ SMSC-USB3250-ABZJ Datasheet
1Mb / 48P
USB2.0 PHY IC
More results

Similar Description - USB3250

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
USB3290 SMSC-USB3290 Datasheet
824Kb / 43P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
USB3290 SMSC-USB3290_07 Datasheet
872Kb / 46P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB332X SMSC-USB332X Datasheet
247Kb / 10P
Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
logo
Microchip Technology
USB3322C-GL-TR MICROCHIP-USB3322C-GL-TR Datasheet
1Mb / 79P
Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
Hi-Speed USB Device PHY with UTMI Interface
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com