Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 22Page - Microchip Technology USB3250 Datasheet HTML 23Page - Microchip Technology USB3250 Datasheet HTML 24Page - Microchip Technology USB3250 Datasheet HTML 25Page - Microchip Technology USB3250 Datasheet HTML 26Page - Microchip Technology USB3250 Datasheet HTML 27Page - Microchip Technology USB3250 Datasheet HTML 28Page - Microchip Technology USB3250 Datasheet HTML 29Page - Microchip Technology USB3250 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
USB3250
DS00002142A-page 26
2013 - 2016 Microchip Technology Inc.
7.6
FS/HS RX
The receivers connect directly to the USB cable. The block contains a separate differential receiver for HS and FS mode.
Depending on the mode, the selected receiver provides the serial data stream through the multiplexer to the RX Logic
block. The FS mode section of the FS/HS RX block also consists of a single-ended receiver on each of the data lines
to determine the correct FS LINESTATE. For HS mode support, the FS/HS RX block contains a squelch circuit to insure
that noise is never interpreted as data.
7.7
FS/HS TX
The transmitters connect directly to the USB cable. The block contains a separate differential FS and HS transmitter
which receive encoded, bitstuffed, serialized data from the TX Logic block and transmit it on the USB cable. The FS/HS
TX block also contains circuitry that either enables or disables the pull-up resistor on the D+ line.
7.8
Biasing
This block consists of an internal bandgap reference circuit used for generating the driver current and the biasing of the
analog circuits. This block requires an external precision resistor (12k
+/- 1% from the RBIAS pin to analog ground).
7.9
Power Control
This is the block that receives and distributes all the power for the transceiver. This block is also responsible for handling
ESD protection.
FIGURE 7-12:
RECEIVE TIMING FOR DATA PACKET WITH CRC-16 (8-BIT MODE)
SYNC
EOP
PID
DATA
CRC-16 Computation
CRC
CRC
CLK60
RXACTIVE
RXDATA[7:0]
RXVALID
RXERROR
DP/DM
DATA
DATA
DATA
PID
DATA
CRC
CRC
DATA
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com