Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 8Page - Microchip Technology USB3250 Datasheet HTML 9Page - Microchip Technology USB3250 Datasheet HTML 10Page - Microchip Technology USB3250 Datasheet HTML 11Page - Microchip Technology USB3250 Datasheet HTML 12Page - Microchip Technology USB3250 Datasheet HTML 13Page - Microchip Technology USB3250 Datasheet HTML 14Page - Microchip Technology USB3250 Datasheet HTML 15Page - Microchip Technology USB3250 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
USB3250
DS00002142A-page 12
2013 - 2016 Microchip Technology Inc.
TABLE 6-3:
DC ELECTRICAL CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
FS FUNCTIONALITY
INPUT LEVELS
Differential Receiver Input
Sensitivity
VDIFS
| V(DP) - V(DM) |
0.2
V
Differential Receiver Common-
Mode Voltage
VCMFS
0.8
2.5
V
Single-Ended Receiver Low
Level Input Voltage
VILSE
0.8
V
Single-Ended Receiver High
Level Input Voltage
VIHSE
2.0
V
Single-Ended Receiver
Hysteresis
VHYSSE
0.050
0.150
V
OUTPUT LEVELS
Low Level Output Voltage
VFSOL
Pull-up resistor on DP;
RL = 1.5k to VDD3.3
0.3
V
High Level Output Voltage
VFSOH
Pull-down resistor on DP,
DM;
RL = 15k to GND
2.8
3.6
V
TERMINATION
Driver Output Impedance for
HS and FS
ZHSDRV
Steady state drive (See
Figure 6-1)
40.5
45
49.5
Input Impedance
ZINP
TX, RPU disabled
10
M
Pull-up Resistor Impedance
ZPU
1.425
1.575
K
Termination Voltage For Pull-
up Resistor On Pin DP
VTERM
3.0
3.6
V
HS FUNCTIONALITY
INPUT LEVELS
HS Differential Input Sensitivity
VDIHS
| V(DP) - V(DM) |
100
mV
HS Data Signaling Common
Mode Voltage Range
VCMHS
-50
500
mV
HS Squelch Detection
Threshold (Differential)
VHSSQ
Squelch Threshold
100
mV
Unsquelch Threshold
150
mV
OUTPUT LEVELS
High Speed Low Level Output
Voltage (DP/DM referenced to
GND)
VHSOL
45
 load
-10
10
mV
High Speed High Level Output
Voltage (DP/DM referenced to
GND)
VHSOH
45
 load
360
440
mV
High Speed IDLE Level Output
Voltage (DP/DM referenced to
GND)
VOLHS
45
 load
-10
10
mV
Chirp-J Output Voltage
(Differential)
VCHIRPJ
HS termination resistor
disabled, pull-up resistor
connected. 45
load.
700
1100
mV
Chirp-K Output Voltage
(Differential)
VCHIRPK
HS termination resistor
disabled, pull-up resistor
connected. 45
load.
-900
-500
mV
(VDD1.8 =1.6 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = -40
oC to +85oC; unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com