Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 4 Page - Microchip Technology

  USB3250 Datasheet HTML 1Page - Microchip Technology USB3250 Datasheet HTML 2Page - Microchip Technology USB3250 Datasheet HTML 3Page - Microchip Technology USB3250 Datasheet HTML 4Page - Microchip Technology USB3250 Datasheet HTML 5Page - Microchip Technology USB3250 Datasheet HTML 6Page - Microchip Technology USB3250 Datasheet HTML 7Page - Microchip Technology USB3250 Datasheet HTML 8Page - Microchip Technology USB3250 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
USB3250
DS00002142A-page 4
 2013 - 2016 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The USB3250 provides the Physical Layer (PHY) interface to a USB 2.0 Device Controller. The IC is available in a 56-
pin VQFN.
The USB3250 is a USB 2.0 physical layer transceiver (PHY) integrated circuit. Microchip's proprietary technology
results in low power dissipation, which is ideal for building a bus powered USB 2.0 peripheral. The PHY can be config-
ured for either an 8-bit unidirectional or a 16-bit bidirectional parallel interface, which complies with the USB Transceiver
Macrocell Interface (UTMI) specification. It supports 480Mbps transfer rate, while remaining backward compatible with
USB 1.1 legacy protocol at 12Mbps.
All required termination for the USB 2.0 Transceiver is internal. Internal 5.25V short circuit protection of DP and DM lines
is provided for USB compliance.
While transmitting data, the PHY serializes data and generates SYNC and EOP fields. It also performs needed bit stuff-
ing and NRZI encoding. Likewise, while receiving data, the PHY de-serializes incoming data, stripping SYNC and EOP
fields and performs bit un-stuffing and NRZI decoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com