Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3250 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 26Page - Microchip Technology USB3250 Datasheet HTML 27Page - Microchip Technology USB3250 Datasheet HTML 28Page - Microchip Technology USB3250 Datasheet HTML 29Page - Microchip Technology USB3250 Datasheet HTML 30Page - Microchip Technology USB3250 Datasheet HTML 31Page - Microchip Technology USB3250 Datasheet HTML 32Page - Microchip Technology USB3250 Datasheet HTML 33Page - Microchip Technology USB3250 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
USB3250
DS00002142A-page 30
2013 - 2016 Microchip Technology Inc.
8.6
Suspend Detection
If a HS device detects SE0 asserted on the bus for more than 3ms (T1), it reverts to FS mode. This enables the FS pull-
up on the DP line in an attempt to assert a continuous FS J state on the bus. The SIE must then check LINESTATE for
the J condition. If J is asserted at time T2, then the upstream port is asserting a soft SE0 and the USB is in a J state
indicating a suspend condition. By time T4 the device must be fully suspended.
8.7
HS Detection Handshake
The High Speed Detection Handshake process is entered from one of three states: suspend, active FS or active HS.
The downstream facing port asserting an SE0 state on the bus initiates the HS Detection Handshake. Depending on
the initial state, an SE0 condition can be asserted from 0 to 4 ms before initiating the HS Detection Handshake. These
states are described in the USB 2.0 specification.
There are three ways in which a device may enter the HS Handshake Detection process:
1.
If the device is suspended and it detects an SE0 state on the bus it may immediately enter the HS handshake
detection process.
2.
If the device is in FS mode and an SE0 state is detected for more than 2.5µs. it may enter the HS handshake
detection process.
FIGURE 8-2:
SUSPEND TIMING BEHAVIOR (HS MODE)
TABLE 8-5:
SUSPEND TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
HS Reset T0
End of last bus activity, signaling either a reset or a
SUSPEND.
0 (reference)
T1
The time at which the device must place itself in FS
mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS
Reset T0 + 3.125ms
T2
SIE samples LINESTATE. If LINESTATE = 'J', then the
initial SE0 on the bus (T0 - T1) had been due to a
Suspend state and the SIE remains in HS mode.
T1 + 100 µs < T2 < T1 + 875µs
T3
The earliest time where a device can issue Resume
signaling.
HS Reset T0 + 5ms
T4
The latest time that a device must actually be
suspended, drawing no more than the suspend current
from the bus.
HS Reset T0 + 10ms
Last
Activity
'J' State
Soft SE0
Device is suspended
SUSPENDN
XCVRSELECT
DP/DM
TERMSELECT
time
T2
T0
T1
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com