Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 102 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 102 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 98Page - Advanced Micro Devices AM79C970 Datasheet HTML 99Page - Advanced Micro Devices AM79C970 Datasheet HTML 100Page - Advanced Micro Devices AM79C970 Datasheet HTML 101Page - Advanced Micro Devices AM79C970 Datasheet HTML 102Page - Advanced Micro Devices AM79C970 Datasheet HTML 103Page - Advanced Micro Devices AM79C970 Datasheet HTML 104Page - Advanced Micro Devices AM79C970 Datasheet HTML 105Page - Advanced Micro Devices AM79C970 Datasheet HTML 106Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 168 page
background image
P R E L I M I N A R Y
AMD
1-969
Am79C970
CSR60: Previous Transmit Descriptor
Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
PXDAL
Contains the lower 16 bits of the
previous TDRE address pointer.
PCnet-PCI controller has the ca-
pability to stack multiple transmit
frames.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR61: Previous Transmit Descriptor
Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 PXDAU
Contains the upper 16 bits of the
previous TDRE address pointer.
PCnet-PCI controller has the ca-
pability to stack multiple transmit
frames.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR62: Previous Transmit Byte Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–12
RES
Reserved locations. Read and
written as ZERO.
Accessible only when STOP bit is
set.
11–0
PXBC
Previous Transmit Byte Count.
This field is a copy of the BCNT
field of TMD1 of the previous
transmit descriptor.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR63: Previous Transmit Status Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–8
PXST
Previous Transmit Status. This
field is a copy of bits 31–24 of
TMD1 of the previous transmit
descriptor.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
7–0
RES
Reserved locations. Read and
written as ZERO.
Accessible only when STOP bit is
set.
CSR64: Next Transmit Buffer Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
NXBAL
Contains the lower 16 bits of the
next transmit buffer address from
which the PCnet-PCI controller
will transmit an outgoing frame.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR65: Next Transmit Buffer Address
Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 NXBAU
Contains the upper 16 bits of the
next transmit buffer address from
which the PCnet-PCI controller
will transmit an outgoing frame.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR66: Next Transmit Byte Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–12
RES
Reserved locations. Read and
written as ZERO.
Accessible only when STOP bit is
set.
11–0
NXBC
Next Transmit Byte Count. This
field is a copy of the BCNT field of
TMD1 of the next transmit de-
scriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com