Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 102Page - Advanced Micro Devices AM79C970 Datasheet HTML 103Page - Advanced Micro Devices AM79C970 Datasheet HTML 104Page - Advanced Micro Devices AM79C970 Datasheet HTML 105Page - Advanced Micro Devices AM79C970 Datasheet HTML 106Page - Advanced Micro Devices AM79C970 Datasheet HTML 107Page - Advanced Micro Devices AM79C970 Datasheet HTML 108Page - Advanced Micro Devices AM79C970 Datasheet HTML 109Page - Advanced Micro Devices AM79C970 Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 168 page
background image
P R E L I M I N A R Y
AMD
1-973
Am79C970
linear burst before releasing the
bus.
As an example, if the linear burst
size is 4 transfers, and the num-
ber of wait states for the system
memory is 2, and the CLK period
is 30ns and the MAX time al-
lowed on the bus is 3
µs, then the
Burst Timer should be pro-
grammed for:
MAX_TIME– (((3+lbs) x w +
10 + lbs) x (CLK period))
3
µs – (((3 + 4) x 2 +10 + 4) x
(30 ns)) = 3
µs – (28 x 30 ns) = 3 –
0.84
µs = 2.16 µs.
Then, if the PCnet-PCIs Bus Ac-
tivity
Timer
times
out
after
2.16
µs when the PCnet-PCI
controller has completed all but
the last three transfers of a linear
burst, the PCnet-PCI controller
may take as much as 0.84
µs to
complete the bursts and release
the bus. The bus release will oc-
cur at 2.16 + 0.84 = 3
µs.
A value of ZERO in the DMABAT
register with the TIMER bit in
CSR4 set to ONE will produce
single linear burst sequences per
bus master period when pro-
grammed for linear burst mode,
and will yield sets of 3 transfers
when not programmed for linear
burst mode.
The Bus Timer register is set to a
value of 00h after H_RESET or
S_RESET and is unaffected by
STOP.
Read/write accessible only when
STOP bit is set.
CSR84: DMA Address Register Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 DMABAL
DMA Address Register.
This register contains the lower
16 bits of the address of system
memory for the current DMA cy-
cle. The Bus Interface Unit con-
trols the Address Register by
issuing increment commands to
increment the memory address
for sequential operations. The
DMABA register is undefined un-
til the first PCnet-PCI controller
DMA operation.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR85: DMA Address Register Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 DMABAU
DMA Address Register.
This register contains the upper
16 bits of the address of system
memory for the current DMA cy-
cle. The Bus Interface Unit con-
trols the Address Register by
issuing increment commands to
increment the memory address
for sequential operations. The
DMABA register is undefined un-
til the first PCnet-PCI controller
DMA operation.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR86: Buffer Byte Counter
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–12
RES
Reserved, Read and written with
ones.
11–0 DMABC
DMA Byte Count Register. Con-
tains the two’s complement of the
current size of the remaining
transmit or receive buffer in
bytes. This register is incre-
mented by the Bus Interface Unit.
The DMABC register is unde-
fined until written.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR88: Chip ID Register Lower
Bit
Name
Description
31 – 28
Version. This 4-bit pattern is sili-
con-revision dependent.
27 – 12
Part number. The 16-bit code for
the PCnet-PCI controller is 0010
0100 0011 0000b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com