Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 109 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 109 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 105Page - Advanced Micro Devices AM79C970 Datasheet HTML 106Page - Advanced Micro Devices AM79C970 Datasheet HTML 107Page - Advanced Micro Devices AM79C970 Datasheet HTML 108Page - Advanced Micro Devices AM79C970 Datasheet HTML 109Page - Advanced Micro Devices AM79C970 Datasheet HTML 110Page - Advanced Micro Devices AM79C970 Datasheet HTML 111Page - Advanced Micro Devices AM79C970 Datasheet HTML 112Page - Advanced Micro Devices AM79C970 Datasheet HTML 113Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 168 page
background image
AMD
P R E L I M I N A R Y
1-976
Am79C970
Bus Configuration Registers
The Bus Configuration Registers (BCR) are used to pro-
gram the configuration of the bus interface and other
special features of the PCnet-PCI controller that are not
related to the IEEE 8802-3 MAC functions. The BCRs
are accessed by first setting the appropriate RAP value,
and then by performing a slave access to the BDP.
All BCR registers are 16 bits in width in WIO mode and
32 bits in width in DWIO mode. The upper 16 bits of all
BCR registers is undefined when in DWIO mode. These
bits should be written as ZEROs and should be treated
as undefined when read. The Default value given for any
BCR is the value in the register after H_RESET, and is
hexadecimal unless otherwise stated. BCR register val-
ues are unaffected by S_RESET and are unaffected by
the assertion of the STOP bit.
Note that several registers have no default value. BCR3
and BCR8-15 are reserved and have undefined values.
BCR2, BCR16, BCR17 and BCR21 are not observable
without first being programmed through the EEPROM
read operation or a user register write operation. There-
fore the only observable values for these registers are
those that have been programmed and a default value is
not applicable.
BCR0, BCR1, BCR6, BCR16, BCR17, and BCR21 are
reserved in the PCnet-PCI controller. These registers
are used by other devices in the PCnet family. Writing to
these registers have no effect on the operation of the
PCnet-PCI controller.
Writes to those registers marked as “Reserved” will
have no effect. Reads from these locations will produce
undefined values.
BCR
MNEMONIC
Default
Description
User
EEPROM
0
MSRDA
0005h
Reserved
No
No
1
MSWRA
0005h
Reserved
No
No
2
MC
N/A*
Miscellaneous Configuration
Yes
Yes
3
Reserved
N/A
Reserved
No
No
4
LNKST
00C0h
Link Status Status (Default)
Yes
No
5
LED1
0084h
Receive Status (Default)
Yes
No
6
LED2
0088h
Reserved
Yes
No
7
LED3
0090h
Transmit Status (Default)
Yes
No
8–15
Reserved
N/A
Reserved
No
No
16
IOBASEL
N/A*
Reserved
Yes
Yes
17
IOBASEU
N/A*
Reserved
Yes
Yes
18
BSBC
2101h
Burst Size and Bus Control
Yes
Yes
19
EECAS
0002h
EEPROM Control and Status
Yes
No
20
SWS
0000h
Software Style
Yes
No
21
INTCON
N/A*
Reserved
Yes
Yes
* Registers marked with an “*” have no default value, since they are not observable without first being programmed through the
EEPROM read operation or a user register write operation. Therefore, the only observable values for these registers are those
that have been programmed and a default value is not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com