Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 108Page - Advanced Micro Devices AM79C970 Datasheet HTML 109Page - Advanced Micro Devices AM79C970 Datasheet HTML 110Page - Advanced Micro Devices AM79C970 Datasheet HTML 111Page - Advanced Micro Devices AM79C970 Datasheet HTML 112Page - Advanced Micro Devices AM79C970 Datasheet HTML 113Page - Advanced Micro Devices AM79C970 Datasheet HTML 114Page - Advanced Micro Devices AM79C970 Datasheet HTML 115Page - Advanced Micro Devices AM79C970 Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 168 page
background image
P R E L I M I N A R Y
AMD
1-979
Am79C970
A value of 0 disables the signal.
A value of 1 enables the signal.
5
RCVME
Receive Match status Enable. In-
dicates receive activity on the
network that has passed the ad-
dress match function for this
node.
All
address
matching
modes are included: Physical,
Logical filtering, Promiscuous
and Broadcast.
A value of 0 disables the signal.
A value of 1 enables the signal.
4
XMTE
Transmit status Enable. Indi-
cates
PCnet-PCI
controller
transmit activity.
A value of 0 disables the signal.
A value of 1 enables the signal.
3
RXPOLE
Receive Polarity status Enable.
Indicates the current Receive
Polarity condition on the Twisted
Pair interface. A value of ONE in-
dicates that the polarity of the
RXD
± pair has been reversed. A
value of ZERO indicates that the
polarity of the RXD
± pair has not
been reversed.
Receive polarity indication is
valid only if the T-MAU is in Link
Pass state.
A value of 0 disables the signal.
A value of 1 enables the signal.
2
RCVE
Receive status Enable. Indicates
receive activity on the network.
A value of 0 disables the signal.
A value of 1 enables the signal.
1
JABE
Jabber status Enable. Indicates
that the PCnet-PCI controller is
jabbering on the network.
A value of 0 disables the signal.
A value of 1 enables the signal.
0
COLE
Collision status Enable. Indi-
cates collision activity on the net-
work.
A value of 0 disables the signal. A
value of 1 enables the signal.
BCR5: LED1 Status
Bit
Name
Description
BCR5 controls the function(s)
that the
LED1 pin displays. Multi-
ple functions can be simultane-
ously enabled on this LED pin.
The LED display will indicate the
logical OR of the enabled func-
tions. BCR1 defaults to Receive
Status
(RCV)
with
pulse
stretcher enabled (PSE = 1) and
is fully programmable.
The default setting after H_RE-
SET for the LED1 register is
0084h. The LED1 register value
is unaffected by S_RESET or
STOP.
31–16
RES
Reserved locations. Written as
ZERO and read as undefined.
15
LEDOUT
This bit indicates the current
(non-stretched) value of the LED
output pin. A value of ONE in this
bit indicates that the OR of the
enabled signals is true.
The logical value of the LEDOUT
status signal is determined by the
settings of the individual Status
Enable bits of the LED register
(Bits 6–0).
This bit is READ only by the host,
and is unaffected by H_RESET,
S_RESET or STOP.
14
LEDPOL
LED Polarity. When this bit has
the value ZERO, then the LED
pin will be driven to a LOW level
whenever the OR of the enabled
signals is true and the LED pin
will be disabled and allowed to
float high whenever the OR of the
enabled signals is false. (i.e. the
LED output will be an Open Drain
output and the output value will
be the inverse of the LEDOUT
status bit.)
When this bit has the value ONE,
then the LED pin will be driven to
a HIGH level whenever the OR of
the enabled signals is true and
the LED pin will be driven to a
LOW level whenever the OR of
the enabled signals is false. (i.e.
the LED output will be a Totem
Pole output and the output value
will be the same polarity as the
LEDOUT status bit.)
The setting of this bit will not af-
fect the polarity of the LEDOUT
bit for this register.
13
LEDDIS
LED Disable. This bit is used to
disable the LED output. When
LEDDIS has the value ONE, then
the LED output will always be
tristated. When LEDDIS has the
value ZERO, then the LED out-
put value will be governed by the
LEDOUT and LEDPOL values.
12–8
RES
Reserved locations. Write as ZE-
ROS, read as undefined.
A value of 0 disables the signal.
A value of 1 enables the signal.
7
PSE
Pulse Stretcher Enable. Extends
the LED illumination time for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com