Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 113 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 109Page - Advanced Micro Devices AM79C970 Datasheet HTML 110Page - Advanced Micro Devices AM79C970 Datasheet HTML 111Page - Advanced Micro Devices AM79C970 Datasheet HTML 112Page - Advanced Micro Devices AM79C970 Datasheet HTML 113Page - Advanced Micro Devices AM79C970 Datasheet HTML 114Page - Advanced Micro Devices AM79C970 Datasheet HTML 115Page - Advanced Micro Devices AM79C970 Datasheet HTML 116Page - Advanced Micro Devices AM79C970 Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 168 page
background image
AMD
P R E L I M I N A R Y
1-980
Am79C970
each new occurrence of the en-
abled function for this LED
output.
A value of 0 disables the signal.
A value of 1 enables the signal.
6
LNKSTE
Link Status Enable. Indicates the
current link status on the Twisted
Pair interface. When this bit is en-
abled, a value of ONE will be
passed to the LEDOUT signal to
indicate that the link status state
is PASS. A value of ZERO will be
passed to the LEDOUT signal to
indicate that the link status state
is FAIL.
A value of 0 disables the signal.
A value of 1 enables the signal.
5
RCVME
Receive Match status Enable. In-
dicates receive activity on the
network that has passed the ad-
dress match function for this
node.
All
address
matching
modes are included: Physical,
Logical
filtering
and
Promiscuous.
A value of 0 disables the signal.
A value of 1 enables the signal.
4
XMTE
Transmit status Enable. Indi-
cates
PCnet-PCI
controller
transmit activity.
A value of 0 disables the signal.
A value of 1 enables the signal.
3
RXPOLE
Receive Polarity status Enable.
Indicates the current Receive
Polarity condition on the Twisted
Pair interface. A value of ONE in-
dicates that the polarity of the
RXD
± pair has been reversed. A
value of ZERO indicates that the
polarity of the RXD
± pair has not
been reversed.
Receive polarity indication is
valid only if the T-MAU is in the
Link Pass state
A value of 0 disables the signal.
A value of 1 enables the signal.
2
RCVE
Receive status Enable. Indicates
receive activity on the network.
A value of 0 disables the signal.
A value of 1 enables the signal.
1
JABE
Jabber status Enable. Indicates
that the PCnet-PCI controller is
jabbering on the network.
A value of 0 disables the signal.
A value of 1 enables the signal.
0
COLE
Collision status Enable. Indi-
cates collision activity on the net-
work.
A value of 0 disables the signal.
A value of 1 enables the signal.
BCR6: LED2 Status
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
LED2
Reserved locations. After H_RE-
SET, the value in this register will
be 0x0088h. The settings of this
register will have no effect on any
PCnet-PCI controller function.
Writes to this register have no ef-
fect on the operation of the
PCnet-PCI controller.
BCR7: LED3 Status
Bit
Name
Description
BCR7 controls the function(s)
that the
LED3 pin displays. Multi-
ple functions can be simultane-
ously enabled on this LED pin.
The LED display will indicate the
logical OR of the enabled func-
tions. BCR7 defaults to Transmit
Status
(XMT)
with
pulse
stretcher enabled (PSE = 1) and
is fully programmable.
The default setting after H_RE-
SET for the LED3
register is
0090h. The LED3 register
value is unaffected by S_RESET
or STOP.
31–16
RES
Reserved location. Written as
ZEROs and read as undefined.
15
LEDOUT
This bit indicates the current
(non-stretched) value of the LED
output pin. A value of ONE in this
bit indicates that the OR of the
enabled signals is true.
The logical value of the LEDOUT
status signal is determined by the
settings of the individual Status
Enable bits of the LED register
(Bits 6–0).
This bit is READ only by the host,
and is unaffected by H_RESET,
S_RESET or STOP.
14
LEDPOL
LED Polarity. When this bit has
the value ZERO, then the LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com