Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 112Page - Advanced Micro Devices AM79C970 Datasheet HTML 113Page - Advanced Micro Devices AM79C970 Datasheet HTML 114Page - Advanced Micro Devices AM79C970 Datasheet HTML 115Page - Advanced Micro Devices AM79C970 Datasheet HTML 116Page - Advanced Micro Devices AM79C970 Datasheet HTML 117Page - Advanced Micro Devices AM79C970 Datasheet HTML 118Page - Advanced Micro Devices AM79C970 Datasheet HTML 119Page - Advanced Micro Devices AM79C970 Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 168 page
background image
P R E L I M I N A R Y
AMD
1-983
Am79C970
5
BWRITE
Burst Write Enable. When set,
this bit enables Linear Bursting
during memory write accesses,
where Linear Bursting is defined
to mean that only the first transfer
in the current bus arbitration will
contain an address phase. Sub-
sequent transfers will consist of
data phases only. When cleared,
this bit prevents the part from
performing linear bursting during
write accesses. In no case will
the part linearly burst a descriptor
access or an initialization access.
BWRITE should be set to ONE
when the PCnet-PCI controller is
used in a PCI bus application.
The use of burst transfers guar-
antees maximum performance
during memory write operations.
BWRITE is cleared by H_RESET
and is not affected by S_RESET
or STOP.
4–3
RES
Reserved location. Written as
ZEROs and read as undefined.
2–0 LINBC[2:0]
Linear Burst Count. The 3 bit
value in this register sets the up-
per limit for the number of trans-
fer cycles in a Linear Burst. This
limit determines how often the
PCnet-PCI controller will assert a
new
FRAME signal during linear
burst transfers. Each time that
the interpreted value of LINBC
transfers
is
reached,
the
PCnet-PCI controller will assert a
new
FRAME signal with a new
valid address. The LINBC value
should contain only one active
bit. LINBC values with more than
one active bit may produce pre-
dictable results, but such values
will not be compatible with future
AMD
network
controllers.The
LINBC entry is shifted by two bits
before being used by the PCnet-
PCI controller. For example, the
value LINBC[2:0] = 010b is un-
derstood by the PCnet-PCI con-
troller to mean 01000b = 8.
Therefore, the value LINBC[2:0]
= 010b will cause the PCnet-PCI
controller to issue a new
FRAME
every 01000b = 8 transfers. The
PCnet-PCI controller may line-
arly burst fewer than the value
represented by LINBC, due to
other conditions that cause the
burst to end prematurely. There-
fore, LINBC should be regarded
as an upper limit to the length of
linear burst.
Note that linear burst operation
will only begin on certain ad-
dresses. The general rule for lin-
ear burst starting addresses is:
AD[31:00] MOD (LINBC x
16) = 0,
The following table illustrates all
possible starting address values
for all legal LINBC values. Note
that AD[31:06] are don’t care val-
ues for all addresses. Also note
that while AD[1:0] do not physi-
cally exist within a 32 bit system
(the PCnet-PCI controller always
drives AD[1:0] to ZERO during
the address phase to indicate a
linear burst order), they are valid
bits within the buffer pointer field
of descriptor word 0.
Linear Burst
LBS =
Beginning Addresses
Linear Burst
AD[31:6] =
Size
Size of
(don’t care)
(number of
Burst
(AD[5:0] =
LINBC[2:0]
transfers)
(bytes)
(Hex)
1
4
16
00, 10, 20, 30
2
8
32
00, 20
416
64
00
There are several events which
may cause early termination of
linear burst. Among those events
are: no more data available for
transfer in either a buffer or in the
FIFO or if either the DMA Trans-
fer Counter (CSR80) or the Bus
Timer Register (CSR82) times
out.
Certain combinations of water-
mark programming and LINBC
programming may create situ-
ations where no linear bursting is
possible, or where the FIFO may
be excessively read or exces-
sively written. Such combina-
tions are declared as illegal.
Combinations of watermark set-
tings and LINBC settings must
obey the following relationship:
watermark (in bytes)
≥
LINBC (in bytes)
Combinations of watermark and
LINBC settings that violate this
rule
may
cause
unexpected
behavior.
LINBC is set to the value of 001b
by H_RESET and is not affected
by S_RESET or STOP. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com