Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 118 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 118 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 114Page - Advanced Micro Devices AM79C970 Datasheet HTML 115Page - Advanced Micro Devices AM79C970 Datasheet HTML 116Page - Advanced Micro Devices AM79C970 Datasheet HTML 117Page - Advanced Micro Devices AM79C970 Datasheet HTML 118Page - Advanced Micro Devices AM79C970 Datasheet HTML 119Page - Advanced Micro Devices AM79C970 Datasheet HTML 120Page - Advanced Micro Devices AM79C970 Datasheet HTML 121Page - Advanced Micro Devices AM79C970 Datasheet HTML 122Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 168 page
background image
P R E L I M I N A R Y
AMD
1-985
Am79C970
PREAD command will terminate
early, the PREAD bit will be
cleared to a ZERO and the
PVALID bit will remain reset with
a value of ZERO. This applies to
the
automatic
read
of
the
EEPROM after H_RESET as
well as to host initiated PREAD
commands. EEPROM program-
mable locations on board the
PCnet-PCI controller will be set
to their default values by such an
aborted PREAD operation. For
example, if the aborted PREAD
operation immediately followed
the H_RESET operation, then
the final state of the EEPROM
programmable locations will be
equal to the H_RESET program-
ming for those locations.
If a PREAD command is given to
the PCnet-PCI controller and the
auto-detection pin (EESK/
LED1)
indicates that no EEPROM is
present, then the EEPROM read
operation will still be attempted.
Note that at the end of the H_RE-
SET operation, a read of the
EEPROM
will
be
performed
automatically. This H_RESET–
generated EEPROM read func-
tion will not proceed if the
auto-detection pin (EESK/
LED1)
indicates that no EEPROM is
present.
PREAD is set to ZERO during
H_RESET and is unaffected by
S_RESET or the STOP bit.
PREAD is only writeable when
the STOP bit is set to ONE.
13
EEDET
EEPROM Detect. This bit indi-
cates the sampled value of the
EESK/
LED1 pin at the end of
H_RESET. This value indicates
whether or not an EEPROM is
present at the EEPROM inter-
face. If this bit is a ONE, it indi-
cates
that
an
EEPROM
is
present. If this bit is a ZERO, it in-
dicates that an EEPROM is not
present.
The value of this bit is determined
at the end of the H_RESET op-
eration. It is unaffected by S_RE-
SET or the STOP bit.
This bit is not writeable. It is read
only.
The following table indicates the
possible combinations of EEDET
and
the
existence
of
an
EEPROM and the resulting op-
erations that are possible on the
EEPROM Microwire interface:
Table 10. EEDET Combinations
EEDET Value
EEPROM
Result of Automatic EEPROM
(BCR19[3])
Connected?
Result if PREAD is Set to ONE
Read Operation Following H_RESET
0
No
EEPROM read operation is attempted.
First TWO EESK clock cycles are
Entire read sequence will occur,
generated, then EEPROM read
checksum failure will result, PVALID
operation is aborted and PVALID is
is reset to ZERO.
reset to ZERO.
0
Yes
EEPROM read operation is attempted.
First TWO EESK clock cycles are generated,
Entire read sequence will occur, checksum then EEPROM read operation is aborted and
operation will pass, PVALID is set to ONE.
PVALID is reset to ZERO.
1
No
EEPROM read operation is attempted.
EEPROM read operation is attempted. Entire
Entire read sequence will occur, checksum read sequence will occur, checksum failure
failure will result, PVALID is reset to ZERO. will result, PVALID is reset to ZERO.
1
Yes
EEPROM read operation is attempted.
EEPROM read operation is attempted.
Entire read sequence will occur, checksum Entire read sequence will occur, checksum
operation will pass, PVALID is set to ONE.
operation will pass, PVALID is set to ONE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com