Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 118Page - Advanced Micro Devices AM79C970 Datasheet HTML 119Page - Advanced Micro Devices AM79C970 Datasheet HTML 120Page - Advanced Micro Devices AM79C970 Datasheet HTML 121Page - Advanced Micro Devices AM79C970 Datasheet HTML 122Page - Advanced Micro Devices AM79C970 Datasheet HTML 123Page - Advanced Micro Devices AM79C970 Datasheet HTML 124Page - Advanced Micro Devices AM79C970 Datasheet HTML 125Page - Advanced Micro Devices AM79C970 Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 168 page
background image
P R E L I M I N A R Y
AMD
1-989
Am79C970
Initialization Block
When SSIZE32=0 (BCR20, bit 8), then the software
structures are defined to be 16 bits wide. The base ad-
dress of the Initialization block in this mode must be
aligned to a WORD boundary, i.e. CSR1, bit 0 and
CSR16, bit 0 must be set to ZERO. When SSIZE32 = 0,
the initialization block looks like Table 13.
Note that the PCnet-PCI device performs DWORD ac-
cesses to read the initialization block. This statement is
always true, regardless of the setting of the SSIZE32 bit.
When SSIZE32=1 (BCR20, bit 8), then the software
structures are defined to be 32 bits wide. The base ad-
dress of the Initialization block in this mode must be
aligned to a DOUBLE WORD boundary, i.e., CSR1, bits
0 and 1 and CSR16, bits 0 and 1 must be set to ZERO.
When SSIZE32 = 1, the initialization block looks like
Table 14.
Table 13. 16-Bit Data Structure Initialization Block
Address
Bits 15–13
Bit 12
Bits 11–8
Bits 7–4
Bits 3–0
IADR+00h
MODE 15–00
IADR+02h
PADR 15–00
IADR+04h
PADR 31–16
IADR+06h
PADR 47–32
IADR+08h
LADRF 15–00
IADR+0Ah
LADRF 31–16
IADR+0Ch
LADRF 47–32
IADR+0Eh
LADRF 63–48
IADR+10h
RDRA 15–00
IADR+12h
RLEN
0
RES
RDRA 23–16
IADR+14h
TDRA 15–00
IADR+16h
TLEN
0
RES
TDRA 23–16
Table 14. 32-Bit Data Structure Initialization Block
Bits
Bits
Bits
Bits
Bits
Bits
Bits
Bits
Address
31–28
27–24
23–20
19–16
15–12
11–8
7–4
3–0
IADR+00h
TLEN
RES
RLEN
RES
MODE
IADR+04h
PADR 31–00
IADR+08h
RES
PADR 47–32
IADR+0Ch
LADR 31–00
IADR+10h
LADR 63–32
IADR+14h
RDRA 31–00
IADR+18h
TDRA 31–00
RLEN and TLEN
When SSIZE32=0 (BCR20, bit 8), then the software
structures are defined to be 16 bits wide, and the RLEN
and TLEN fields in the initialization block are 3 bits wide,
occupying bits 15, 14, and 13, and the value in these
fields determines the number of Receive and Transmit
Descriptor Ring Entries (DRE) which are used in the de-
scriptor rings. Their meaning is as follows:
R/TLEN
# of DREs
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com