Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 122Page - Advanced Micro Devices AM79C970 Datasheet HTML 123Page - Advanced Micro Devices AM79C970 Datasheet HTML 124Page - Advanced Micro Devices AM79C970 Datasheet HTML 125Page - Advanced Micro Devices AM79C970 Datasheet HTML 126Page - Advanced Micro Devices AM79C970 Datasheet HTML 127Page - Advanced Micro Devices AM79C970 Datasheet HTML 128Page - Advanced Micro Devices AM79C970 Datasheet HTML 129Page - Advanced Micro Devices AM79C970 Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 168 page
background image
P R E L I M I N A R Y
AMD
1-993
Am79C970
RMD2
Bit
Name
Description
31–24
RCC
Receive Collision Count. Indi-
cates the accumulated number of
collisions on the network since
the last packet was received, ex-
cluding collisions that occurred
during transmissions from this
node. The PCnet-PCI implemen-
tation of this counter may not be
compatible with the ILACC RCC
definition. If network statistics are
to be monitored, then CSR114
should be used for the purpose of
monitoring Receive collisions in-
stead of these bits.
23–16
RPC
Runt Packet Count. Indicates the
accumulated number of runts
that were addressed to this node
since the last time that a receive
packet
was
successfully
re-
ceived and its corresponding
RMD2 ring entry was written to
by the PCnet-PCI controller. In
order to be included in the RPC
value, a runt must be long
enough to meet the minimum re-
quirement of the internal address
matching logic.
The minimum
requirement for a runt to pass the
internal
address
matching
mechanism is: 18 bits of valid
preamble plus a valid SFD de-
tected, followed by 7 bytes of
frame data. This requirement is
unvarying, regardless of the ad-
dress matching mechanisms in
force at the time of reception.
(i.e. physical, logical, broadcast
or promiscuous).
The PCnet-
PCI
implementation
of
this
counter may not be compatible
with the ILACC RPC definition.
15–12 ZEROS
This field is reserved. PCnet-PCI
controller will write ZEROs to
these locations.
11–0
MCNT
MESSAGE BYTE COUNT is the
length in bytes of the received
message, expressed as an un-
signed binary integer. MCNT is
valid only when ERR is clear and
ENP is set. MCNT is written by
the PCnet-PCI controller and
cleared by the host.
RMD3
Bit
Name
Description
31–0
RES
Reserved locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com