Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 127 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 127 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 123Page - Advanced Micro Devices AM79C970 Datasheet HTML 124Page - Advanced Micro Devices AM79C970 Datasheet HTML 125Page - Advanced Micro Devices AM79C970 Datasheet HTML 126Page - Advanced Micro Devices AM79C970 Datasheet HTML 127Page - Advanced Micro Devices AM79C970 Datasheet HTML 128Page - Advanced Micro Devices AM79C970 Datasheet HTML 129Page - Advanced Micro Devices AM79C970 Datasheet HTML 130Page - Advanced Micro Devices AM79C970 Datasheet HTML 131Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 168 page
background image
AMD
P R E L I M I N A R Y
1-994
Am79C970
Transmit Descriptors
When SSIZE32=0 (BCR 20, bit 8), then the software
structures are defined to be 16 bits wide, and transmit
descriptors look like this (CXDA = Current Transmit De-
scriptor Address):
Table 17. 16-Bit Data Structure Transmit Descriptor
Address
15
14
13
12
11
10
9
8
7–0
CXDA+00h
TBADR[15:0]
CXDA+02h
OWN
ERR
ADD_/
MORE
ONE
DEF
STP
ENP
TBADR[23:16]
NO_
FCS
CXDA+04h
1
1
1
1
BCNT
CXDA+06h
BUFF
UFLO
EX
LCOL
LCAR
RTRY
TDR
DEF
When SSIZE32=1 (BCR 20, bit 8), then the software structures are defined to be 32 bits wide, and transmit descriptors
look like this (CXDA = Current Transmit Descriptor Address):
Table 18. 32-Bit Data Structure Transmit Descriptor
Address
31
30
29
28
27
26
25
24
23–16
15–4
3–0
CXDA+00h
TBADR[31:0]
CXDA+04h
OWN
ERR
ADD_/
MORE
ONE
DEF
STP
ENP
RES
1111
BCNT
NO_
FCS
CXDA+08h
BUFF
UFLO
EX
LCOL
LCAR
RTRY
TDR
RES
TRC
DEF
CXDA+0Ch
RESERVED
TMD0
Bit
Name
Description
31–0 TBADR
Transmit Buffer address. This
field contains the address of the
transmit buffer that is associated
with this descriptor.
TMD1
Bit
Name
Description
31
OWN
This bit indicates that the de-
scriptor entry is owned by the
host (OWN=0) or by the PCnet-
PCI controller (OWN=1). The
host sets the OWN bit after filling
the buffer pointed to by the de-
scriptor entry. The PCnet-PCI
controller clears the OWN bit af-
ter transmitting the contents of
the buffer. Both the PCnet-PCI
controller and the host must not
alter a descriptor entry after it has
relinquished ownership.
30
ERR
ERR is the OR of UFLO, LCOL,
LCAR, or RTRY. ERR is set by
the PCnet-PCI controller and
cleared by the host. This bit is set
in the current descriptor when the
error occurs, and therefore may
be set in any descriptor of a
chained buffer transmission.
29 ADD_FCS_
Bit 29 functions as ADD_FCS
NO_FCS
when programmed for the default
I/O style of PCnet-ISA and when
programmed for the I/O style
PCnet-PCI controller. Bit 29
functions as NO_FCS when
programmed for the I/O style
ILACC.
ADD_FCS
ADD_FCS dynamically controls
the generation of FCS on a frame
by frame basis. It is valid only if
the
STP
bit
is
set.
When
ADD_FCS is set, the state of
DXMTFCS is ignored and trans-
mitter FCS generation is acti-
vated. When ADD_FCS = 0, FCS
generation
is
controlled
by
DXMTFCS. ADD_FCS is set by
the host, and unchanged by the
PCnet-PCI controller. This was a
reserved
bit
in
the
LANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com