Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 130 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 130 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 126Page - Advanced Micro Devices AM79C970 Datasheet HTML 127Page - Advanced Micro Devices AM79C970 Datasheet HTML 128Page - Advanced Micro Devices AM79C970 Datasheet HTML 129Page - Advanced Micro Devices AM79C970 Datasheet HTML 130Page - Advanced Micro Devices AM79C970 Datasheet HTML 131Page - Advanced Micro Devices AM79C970 Datasheet HTML 132Page - Advanced Micro Devices AM79C970 Datasheet HTML 133Page - Advanced Micro Devices AM79C970 Datasheet HTML 134Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 168 page
background image
P R E L I M I N A R Y
AMD
1-997
Am79C970
Register Summary
PCI Configuration Registers
Note: RO = read only, RW = read/write, U = undefined value
Offset
Name
Width in Bit
Access Mode
Default Value
00h
Vendor ID
16
RO
1022h
02h
Device ID
16
RO
2000h
04h
Command
16
RW
uuuu
06h
Status
16
RW
uuuu
08h
Revision ID
8
RO
00h
09h
Programming IF
8
RO
00h
0Ah
Sub-Class
8
RO
00h
0Bh
Base-Class
8
RO
02h
0Dh
Latency Timer
8
RO
00h
0Eh
Header Type
8
RO
00h
10h
Base Address
32
RW
uuuu uuuu
3Ch
Interrupt Line
8
RW
uu
3Dh
Interrupt Pin
8
RO
01h
Control and Status Registers
Note: u = undefined value, R = Running register, S = Setup register, T = Test register
Default Value
After
RAP Addr
Symbol
H_RESET
Comments
Use
00
CSR0
uuuu 0004
PCnet-PCI Status Register
R
01
CSR1
uuuu uuuu
IADR[15:0]: Base Address of INIT Block Lower
S
02
CSR2
uuuu uuuu
IADR[31:16]: Base Address of INIT Block Upper
S
03
CSR3
uuuu 0000
Interrupt Masks and Deferral Control
S
04
CSR4
uuuu 0115
Test and Features Control
R
05
CSR5
uuuu 0000
Reserved
T
06
CSR6
uuuu uuuu
RXTX: RX/TX Descriptor Table Lengths
T
07
CSR7
uuuu 0000
Reserved
T
08
CSR8
uuuu uuuu
LADR0: Logical Address Filter — LADRF[15:0]
T
09
CSR9
uuuu uuuu
LADR1: Logical Address Filter — LADRF[31:16]
T
10
CSR10
uuuu uuuu
LADR2: Logical Address Filter — LADRF[47:32]
T
11
CSR11
uuuu uuuu
LADR3: Logical Address Filter — LADRF[63:48]
T
12
CSR12
uuuu uuuu
PADR0: Physical Address Register — PADR[15:0]
T
13
CSR13
uuuu uuuu
PADR1: Physical Address Register — PADR[31:16]
T
14
CSR14
uuuu uuuu
PADR2: Physical Address Register — PADR[47:32]
T
15
CSR15
see reg. desc.
MODE: Mode Register
S
16
CSR16
uuuu uuuu
IADR[15:0]: Alias of CSR1
T
17
CSR17
uuuu uuuu
IADR[31:16]: Alias of CSR2
T
18
CSR18
uuuu uuuu
CRBAL: Current RCV Buffer Address Lower
T
19
CSR22
uuuu uuuu
CRBAU: Current RCV Buffer Address Upper
T
20
CSR20
uuuu uuuu
CXBAL: Current XMT Buffer Address Lower
T
21
CSR21
uuuu uuuu
CXBAU: Current XMT Buffer Address Upper
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com